Electronic Components Datasheet Search
  English  ▼

X  

INA253A2IPW Datasheet(PDF) 9 Page - Texas Instruments

Part # INA253A2IPW
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253A2IPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA253A2IPW Datasheet HTML 5Page - Texas Instruments INA253A2IPW Datasheet HTML 6Page - Texas Instruments INA253A2IPW Datasheet HTML 7Page - Texas Instruments INA253A2IPW Datasheet HTML 8Page - Texas Instruments INA253A2IPW Datasheet HTML 9Page - Texas Instruments INA253A2IPW Datasheet HTML 10Page - Texas Instruments INA253A2IPW Datasheet HTML 11Page - Texas Instruments INA253A2IPW Datasheet HTML 12Page - Texas Instruments INA253A2IPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
50
55
60
65
70
75
80
85
90
95
100
D017
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
D018
VS = 5V
VS = 5.5V
VS = 2.7V
Common-Mode Voltage (V)
-10
0
10
20
30
40
50
60
70
80
90
-40
0
40
80
120
160
200
240
D015
Common-Mode Voltage (V)
-10
0
10
20
30
40
50
60
70
80
90
-40
0
40
80
120
160
200
D016
Frequency (Hz)
60
75
90
105
120
135
150
10
100
1k
10k
100k
1M
D013
Output Current (mA)
0
1
2
3
4
5
6
7
GND
GND + 1
GND + 2
GND + 3
VS
VS - 1
VS - 2
D014
25qC
125qC
-40qC
9
INA253
www.ti.com
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2 (unless otherwise noted)
Figure 13. Common-Mode Rejection Ratio vs Frequency
VS = 5 V
Figure 14. Output Voltage Swing vs Output Current
VS = 5 V
Figure 15. Input Bias Current vs Common-Mode Voltage
VS = 0 V
Figure 16. Input Bias Current vs Common-Mode Voltage
Figure 17. Input Bias Current vs Temperature
Figure 18. Quiescent Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com