Electronic Components Datasheet Search
  English  ▼

X  

INA253A2IPW Datasheet(PDF) 8 Page - Texas Instruments

Part # INA253A2IPW
Description  INA253 High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-mΩ, Precision, Low Inductive Shunt Resistor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA253A2IPW Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA253A2IPW Datasheet HTML 4Page - Texas Instruments INA253A2IPW Datasheet HTML 5Page - Texas Instruments INA253A2IPW Datasheet HTML 6Page - Texas Instruments INA253A2IPW Datasheet HTML 7Page - Texas Instruments INA253A2IPW Datasheet HTML 8Page - Texas Instruments INA253A2IPW Datasheet HTML 9Page - Texas Instruments INA253A2IPW Datasheet HTML 10Page - Texas Instruments INA253A2IPW Datasheet HTML 11Page - Texas Instruments INA253A2IPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Frequency (Hz)
-10
0
10
20
30
40
50
60
10
100
1k
10k
100k
1M
10M
D011
INA253A1
INA253A2
INA253A3
Frequency (Hz)
40
60
80
100
120
140
10
100
1k
10k
100k
1M
D012
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-0.75
-0.60
-0.45
-0.30
-0.15
0.00
0.15
0.30
0.45
D009
INA253A1
INA253A2
INA253A3
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-0.10
-0.08
-0.05
-0.02
0.00
0.02
0.05
0.08
0.10
D010
INA253A1
INA253A2
INA253A3
System Gain Error (%)
D007
System Gain Error (%)
D008
8
INA253
SLOS954A – JULY 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: INA253
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2 (unless otherwise noted)
Figure 7. Gain Error Production Distribution (INA253A2)
Figure 8. Gain Error Production Distribution (INA253A3)
Figure 9. System Gain Error vs Temperature
Figure 10. Amplifier Gain Error vs Temperature
VCM = 0 V, VDIFF = 10-mVPP sine
Figure 11. Amplifier Gain Error vs Frequency
Figure 12. Power-Supply Rejection Ratio vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com