Electronic Components Datasheet Search
  English  ▼

X  

INA290 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA290 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA290 Datasheet HTML 12Page - Texas Instruments INA290 Datasheet HTML 13Page - Texas Instruments INA290 Datasheet HTML 14Page - Texas Instruments INA290 Datasheet HTML 15Page - Texas Instruments INA290 Datasheet HTML 16Page - Texas Instruments INA290 Datasheet HTML 17Page - Texas Instruments INA290 Datasheet HTML 18Page - Texas Instruments INA290 Datasheet HTML 19Page - Texas Instruments INA290 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
7.3 Feature Description
7.3.1 Amplifier Input Common-Mode Range
The INAx290 supports large input common-mode voltages from 2.7 V to 120 V and features a high DC CMRR
of 160 dB (typical) and a 85-dB AC CMRR at 50 kHz. The minimum common-mode voltage as shown in Figure
7-1 is restricted by the supply voltage. The topology of the internal amplifiers INAx290 restricts operation to
high-side, current-sensing applications.
Supply Voltage (V)
0
2.5
5
7.5
10
12.5
15
17.5
20
0
1
2
3
4
5
6
7
8
VCM = 2.7V
Figure 7-1. Minimum Common-Mode Voltage vs Supply
7.3.2 Input-Signal Bandwidth
Gain vs. Frequency shows the INAx290 –3-dB bandwidth is gain-dependent with gain options of 20 V/V, 50 V/V,
100 V/V, 200 V/V, and 500 V/V. The unique multistage design enables the amplifier to achieve high bandwidth
at all gains. This high bandwidth provides the throughput and fast response required for rapid detection and
processing of overcurrent events.
The device bandwidth also depends on the applied VSENSE voltage. Figure 7-2 shows the bandwidth
performance profile of the device over frequency as output voltage increases for each gain variation. As shown
in Figure 7-2, the device exhibits the highest bandwidth with higher VSENSE voltages, and the bandwidth is
higher with lower device gain options. Individual requirements determine the acceptable limits of error for
high-frequency, current-sensing applications. Testing and evaluation in the end application or circuit is required
to determine the acceptance criteria and validate whether or not the performance levels meet the system
specifications.
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
200
300
400
500
600
700
800
900
1000
1100
1200
G = 20
G = 50
G = 100
G = 200
G = 500
Figure 7-2. Bandwidth vs Output Voltage
INA290, INA2290, INA4290
SBOS961C – JUNE 2020 – REVISED JUNE 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA290 INA2290 INA4290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com