Electronic Components Datasheet Search
  English  ▼

X  

INA290 Datasheet(PDF) 25 Page - Texas Instruments

Part # INA290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA290 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA290 Datasheet HTML 21Page - Texas Instruments INA290 Datasheet HTML 22Page - Texas Instruments INA290 Datasheet HTML 23Page - Texas Instruments INA290 Datasheet HTML 24Page - Texas Instruments INA290 Datasheet HTML 25Page - Texas Instruments INA290 Datasheet HTML 26Page - Texas Instruments INA290 Datasheet HTML 27Page - Texas Instruments INA290 Datasheet HTML 28Page - Texas Instruments INA290 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Current
Sense
Output 1
RSHUNT1
Load 1
VIA to
Ground
Plane
Power Supply, VS:
2.7 V to 20 V
CBYPASS
Current
Sense
Output 4
Direction
of Current
Flow
Bus Voltage1
Bus Voltage4
LOAD4
IN+1
IN+2
IN–2
IN–1
IN+3
IN+4
IN–4
IN–3
RSHUNT3
Load 3
Direction
of Current
Flow
RSHUNT2
Direction
of Current
Flow
RSHUNT4
Direction
of Current
Flow
Current
Sense
Output 3
VIA to
Ground
Plane
LOAD2
Bus Voltage3
Current
Sense
Output 2
Bus Voltage2
Figure 10-3. Recommended Layout for the INA4290
www.ti.com
INA290, INA2290, INA4290
SBOS961C – JUNE 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: INA290 INA2290 INA4290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com