Electronic Components Datasheet Search
  English  ▼

X  

INA290 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA290
Description  INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA290 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA290 Datasheet HTML 18Page - Texas Instruments INA290 Datasheet HTML 19Page - Texas Instruments INA290 Datasheet HTML 20Page - Texas Instruments INA290 Datasheet HTML 21Page - Texas Instruments INA290 Datasheet HTML 22Page - Texas Instruments INA290 Datasheet HTML 23Page - Texas Instruments INA290 Datasheet HTML 24Page - Texas Instruments INA290 Datasheet HTML 25Page - Texas Instruments INA290 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
8.2.1 Design Requirements
VSUPPLY is set to 5 V and the common-mode voltage set to 54 V. Table 8-3 lists the design setup for this
application.
Table 8-3. Design Parameters
DESIGN PARAMETERS
EXAMPLE VALUE
INAx290 supply voltage
5 V
High-side supply voltage
5 V
Maximum sense current (IMAX)
5 A
Gain option
50 V/V
8.2.2 Detailed Design Procedure
The maximum value of the current-sense resistor is calculated based on the choice of gain, value of the
maximum current to be sensed (IMAX), and the power-supply voltage (VS). When operating at the maximum
current, the output voltage must not exceed the positive output swing specification, VSP. Under the given design
parameters, Equation 6 calculates the maximum value for RSENSE as 19.2 mΩ.
SP
SENSE
MAX
V
R
<
I
GAIN
u
(6)
Although 15 mΩ is less than the maximum value calculated, 15 mΩ is selected for this design example because
this value is still large enough to provide an adequate signal at the current-sense amplifier output.
8.2.2.1 Overload Recovery With Negative VSENSE
The INAx290 is a unidirectional current-sense amplifier that is meant to operate with a positive differential input
voltage (VSENSE). If negative VSENSE is applied, the device is placed in an overload condition and requires time
to recover when VSENSE returns positive. The required overload recovery time increases with more negative
VSENSE.
8.2.3 Application Curve
Figure 8-3 shows the output response of the device to a high-frequency sinusoidal current.
Time (10Ps/div)
INA290A2 VOUT (1 V/div)
VSENSE (20 mV/div)
Figure 8-3. INAx290 Output Response
INA290, INA2290, INA4290
SBOS961C – JUNE 2020 – REVISED JUNE 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA290 INA2290 INA4290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com