Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA381
Description  INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA381 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA381 Datasheet HTML 17Page - Texas Instruments INA381 Datasheet HTML 18Page - Texas Instruments INA381 Datasheet HTML 19Page - Texas Instruments INA381 Datasheet HTML 20Page - Texas Instruments INA381 Datasheet HTML 21Page - Texas Instruments INA381 Datasheet HTML 22Page - Texas Instruments INA381 Datasheet HTML 23Page - Texas Instruments INA381 Datasheet HTML 24Page - Texas Instruments INA381 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
HYS
HYS
V
4
A
12500
R
4
A
P u
:
P
Internal
Hysteresis
Control
VOUT
RESET
ALERT
IN+
IN±
VS+
GND
CMPIN
CMPREF
10 k:
RPULL-UP
+
±
0 V to 26 V
+
±
G = 20, 50,
100, 200
R1
R2
5 V
2.7 V to 5.5 V
RSENSE
Load
INA381
12.5 k
RHYS
4 µA
VS+
21
INA381
www.ti.com
SBOS848B – DECEMBER 2017 – REVISED OCTOBER 2019
Product Folder Links: INA381
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.1.2 Increase Comparator Hysteresis
The onboard comparator of the device is designed with a hysteresis of 50 mV. The INA381 is designed for the
user to change the hysteresis from a preset value of 50 mV by connecting an external resistor between VOUT
and CMPIN. Figure 46 shows a detailed block diagram of adding additional hysteresis.
Figure 46. Increase Hysteresis to the Comparator
The default hysteresis is 50 mV. Internal to the comparator, the INA381 has a current source of 4 µA in series
with 12.5 kΩ. The internal current source and hysteresis of the comparator is set by the internal hysteresis
control circuit that is enabled only after ALERT is asserted low. ALERT is asserted low during an overcurrent
condition when the voltage on VOUT exceeds the threshold set on the CMPREF pin. The internal 4-µA
hysteresis circuits are triggered only after ALERT is asserted low.
To increase hysteresis to greater than the default 50 mV, the RHYS resistor must be connected between the
VOUT and CMPIN pins. Equation 1 describes the internal configuration to set the external hysteresis resistor.
where
•
VHYS is the desired hysteresis voltage
•
RHYS is the external resistor on the input of the CMPIN pin
(1)
Table 3 lists the external resistors required at the input of the CMPIN pin to set the hysteresis.
Table 3. Hysteresis Resistor Selection
HYSTERESIS VOLTAGE
EXTERNAL RESISTOR AT THE CMPIN PIN
50 mV
0 Ω
75 mV
6.25 kΩ
100 mV
12.5 kΩ
125 mV
18.75 kΩ
150 mV
25 kΩ
200 mV
37.5 kΩ
250 mV
50 kΩ
300 mV
62.5 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com