Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 42 Page - Texas Instruments

Part # INA381
Description  INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA381 Datasheet(HTML) 42 Page - Texas Instruments

Back Button INA381 Datasheet HTML 36Page - Texas Instruments INA381 Datasheet HTML 37Page - Texas Instruments INA381 Datasheet HTML 38Page - Texas Instruments INA381 Datasheet HTML 39Page - Texas Instruments INA381 Datasheet HTML 40Page - Texas Instruments INA381 Datasheet HTML 41Page - Texas Instruments INA381 Datasheet HTML 42Page - Texas Instruments INA381 Datasheet HTML 43Page - Texas Instruments INA381 Datasheet HTML 44Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
8X (0.25)
(1.6)
(1.9)
6X (0.5)
(0.9)
(
0.2) VIA
TYP
(0.55)
8X (0.5)
(R0.05) TYP
WSON - 0.8 mm max height
DSG0008A
PLASTIC SMALL OUTLINE - NO LEAD
4218900/E 08/2022
SYMM
1
4
5
8
LAND PATTERN EXAMPLE
SCALE:20X
SYMM
9
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com