Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA381
Description  INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA381 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA381 Datasheet HTML 2Page - Texas Instruments INA381 Datasheet HTML 3Page - Texas Instruments INA381 Datasheet HTML 4Page - Texas Instruments INA381 Datasheet HTML 5Page - Texas Instruments INA381 Datasheet HTML 6Page - Texas Instruments INA381 Datasheet HTML 7Page - Texas Instruments INA381 Datasheet HTML 8Page - Texas Instruments INA381 Datasheet HTML 9Page - Texas Instruments INA381 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-100
-50
0
50
100
D005
D005
D005
A1
A2
A3
A4
Common-Mode Rejection Ratio (PV/V)
D006
Input Offset Voltage (PV)
D003
Input Offset Voltage (PV)
D004
Input Offset Voltage (PV)
D001
Input Offset Voltage (PV)
D002
6
INA381
SBOS848B – DECEMBER 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: INA381
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
6.6 Typical Characteristics
at TA = 25°C, VS = 5 V, VIN+ = 12 V, and alert pullup resistor = 10 kΩ (unless otherwise noted)
VIN+ = 0 V
Figure 1. Input Offset Voltage Production Distribution
(INA381A1)
VIN+ = 0 V
Figure 2. Input Offset Voltage Production Distribution
(INA381A2)
VIN+ = 0 V
Figure 3. Input Offset Voltage Production Distribution
(INA381A3)
VIN+ = 0 V
Figure 4. Input Offset Voltage Production Distribution
(INA381A4)
VIN+ = 0 V
Figure 5. Offset Voltage vs Temperature
Figure 6. Common-Mode Rejection Production Distribution
(INA381A1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com