Electronic Components Datasheet Search
  English  ▼

X  

INA381 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA381
Description  INA381 26-V, High-Speed, Current Sense Amplifier With Integrated Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA381 Datasheet(HTML) 4 Page - Texas Instruments

  INA381 Datasheet HTML 1Page - Texas Instruments INA381 Datasheet HTML 2Page - Texas Instruments INA381 Datasheet HTML 3Page - Texas Instruments INA381 Datasheet HTML 4Page - Texas Instruments INA381 Datasheet HTML 5Page - Texas Instruments INA381 Datasheet HTML 6Page - Texas Instruments INA381 Datasheet HTML 7Page - Texas Instruments INA381 Datasheet HTML 8Page - Texas Instruments INA381 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
INA381
SBOS848B – DECEMBER 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: INA381
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
(3)
Input voltage may exceed the voltage shown without causing damage to the device if the current at that terminal is limited to 5 mA.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VS
Supply voltage
6
V
VIN+,VIN–
Analog inputs (IN+, IN–)
Differential (VIN+) – (VIN–)
(2)
–26
26
V
Common-mode (3)
GND – 0.3
26
VI
Analog input
CMPIN
GND – 0.3
(VS) + 0.3
V
CMPREF
GND – 0.3
(VS) + 0.3
VO
Analog output
OUT
GND – 0.3
(VS) + 0.3
V
Digital input
RESET
GND – 0.3
(VS) + 0.3
V
Digital output
ALERT
GND – 0.3
6
V
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage
–0.2
12
26
V
VS
Operating supply voltage
2.7
5
5.5
V
TA
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
INA381
UNIT
DGS (VSSOP)
DSG (WSON)
10 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
188.6
77
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
78.1
96.5
°C/W
RθJB
Junction-to-board thermal resistance
111.0
43.4
°C/W
ΨJT
Junction-to-top characterization parameter
17.5
5.4
°C/W
ΨJB
Junction-to-board characterization parameter
109.2
43.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
18.8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com