Electronic Components Datasheet Search
  English  ▼

X  

INA745B Datasheet(PDF) 32 Page - Texas Instruments

Part # INA745B
Description  INA745x 40V, 16-Bit, Precision I2C Output Digital Power Monitor With EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA745B Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA745B Datasheet HTML 28Page - Texas Instruments INA745B Datasheet HTML 29Page - Texas Instruments INA745B Datasheet HTML 30Page - Texas Instruments INA745B Datasheet HTML 31Page - Texas Instruments INA745B Datasheet HTML 32Page - Texas Instruments INA745B Datasheet HTML 33Page - Texas Instruments INA745B Datasheet HTML 34Page - Texas Instruments INA745B Datasheet HTML 35Page - Texas Instruments INA745B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Device Measurement Range and Resolution
The INA745x has a full scale ADC range for current measurements of ±39.32A. However, the maximum value
that can be measured is limited by the operating junction temperature (see Figure 8-1).
Junction Temperature ( C)
-50
-25
0
25
50
75
100
125
150
175
35
36
37
38
39
40
Figure 8-1. Maximum ADC Current Reading vs Junction Temperature (Typical Characteristic)
Table 8-1 shows the full scale value for shunt, bus, and temperature measurements, along with the associated
step size.
Table 8-1. Register Full Scale Values and Resolution
PARAMETER
REGISTER
ADDRESS
SIZE
FULL SCALE VALUE
RESOLUTION
Current
7h
16 bit, signed
±39.32A
1.2mA/LSB
Bus voltage
5h
16 bit, signed, always positive
0V to 40V
3.125mV/LSB
Die Temperature
6h
12 bit, signed
–40°C to 150°C
125m°C/LSB
Power
8h
24 bit, unsigned
4026.53W
240µW/LSB
Energy
9h
40 bit, unsigned
4222.125MJ
3.840mJ/LSB
Charge
Ah
40 bit, unsigned
82.463MC
75µC/LSB
The internal die temperature sensor register range extends from –256°C to 256°C but is limited by the junction
temperature range of –40°C to 150°C. Likewise, the bus voltage measurement range extends up to 102.4V but
is limited by silicon to 40V.
Current, bus voltage, temperature, power, energy and charge measurements can be read through the
corresponding address registers. Values are calculated by multiplying the returned value by the corresponding
LSB size.
Signed values are represented in 2's complement format.
INA745A, INA745B
SBOSAC3B – JULY 2023 – REVISED AUGUST 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA745A INA745B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com