Electronic Components Datasheet Search
  English  ▼

X  

INA745B Datasheet(PDF) 34 Page - Texas Instruments

Part # INA745B
Description  INA745x 40V, 16-Bit, Precision I2C Output Digital Power Monitor With EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA745B Datasheet(HTML) 34 Page - Texas Instruments

Back Button INA745B Datasheet HTML 30Page - Texas Instruments INA745B Datasheet HTML 31Page - Texas Instruments INA745B Datasheet HTML 32Page - Texas Instruments INA745B Datasheet HTML 33Page - Texas Instruments INA745B Datasheet HTML 34Page - Texas Instruments INA745B Datasheet HTML 35Page - Texas Instruments INA745B Datasheet HTML 36Page - Texas Instruments INA745B Datasheet HTML 37Page - Texas Instruments INA745B Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
Table 8-2. INA745x Noise Performance (continued)
ADC CONVERSION TIME
PERIOD [µs]
OUTPUT SAMPLE AVERAGING
[SAMPLES]
OUTPUT SAMPLE PERIOD [ms]
NOISE-FREE ENOB
CURRENT MEASUREMENT
50
64
3.2
13.1
84
5.376
13.7
150
9.6
14.1
280
17.92
14.7
540
34.56
15.7
1052
67.328
15.7
2074
132.736
15.7
4120
263.68
15.7
50
128
6.4
13.4
84
10.752
14.1
150
19.2
14.7
280
35.84
15.7
540
69.12
15.7
1052
134.656
15.7
2074
265.472
15.7
4120
527.36
15.7
50
256
12.8
14.1
84
21.504
14.7
150
38.4
15.7
280
71.68
15.7
540
138.24
15.7
1052
269.312
15.7
2074
530.944
15.7
4120
1054.72
15.7
50
512
25.6
14.1
84
43
15.7
150
76.8
15.7
280
143.36
15.7
540
276.48
15.7
1052
538.624
15.7
2074
1061.888
15.7
4120
2109.44
16.0
50
1024
51.2
15.7
84
86.016
15.7
150
153.6
15.7
280
286.72
15.7
540
552.96
15.7
1052
1077.248
15.7
2074
2123.776
16.0
4120
4218.88
16.0
8.2 Typical Application
The low offset voltage and low input bias current of the INA745x allow accurate monitoring of a wide range of
currents. Figure 8-2 shows a circuit example for monitoring currents in a high-side configuration.
INA745A, INA745B
SBOSAC3B – JULY 2023 – REVISED AUGUST 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA745A INA745B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com