Electronic Components Datasheet Search
  English  ▼

X  

INA745B Datasheet(PDF) 39 Page - Texas Instruments

Part # INA745B
Description  INA745x 40V, 16-Bit, Precision I2C Output Digital Power Monitor With EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA745B Datasheet(HTML) 39 Page - Texas Instruments

Back Button INA745B Datasheet HTML 35Page - Texas Instruments INA745B Datasheet HTML 36Page - Texas Instruments INA745B Datasheet HTML 37Page - Texas Instruments INA745B Datasheet HTML 38Page - Texas Instruments INA745B Datasheet HTML 39Page - Texas Instruments INA745B Datasheet HTML 40Page - Texas Instruments INA745B Datasheet HTML 41Page - Texas Instruments INA745B Datasheet HTML 42Page - Texas Instruments INA745B Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
9 Device and Documentation Support
9.1 Documentation Support
9.1.1 Related Documentation
9.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
9.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.4 Trademarks
EZShunt™ and TI E2E™ are trademarks of Texas Instruments.
All trademarks are the property of their respective owners.
9.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (December 2023) to Revision B (August 2025)
Page
• Changed the data sheet status from Production Mixed to Production Data.......................................................1
• Reworded Low Latency Digital Filter section and corrected FNOTCH equation.................................................17
• Updated CONFIG Register Field Descriptions table to show correct default value......................................... 24
• Updated DIAG_ALRT Register Field Descriptions table to provide additional information ............................. 24
• Added Documentation Support and Related Documentation sections.............................................................39
Changes from Revision * (July 2023) to Revision A (December 2023)
Page
• Changed the data sheet status from Advanced Information to Production Mixed..............................................1
• Changed the B grade device status from Advanced Information to Production Data........................................ 1
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
INA745A, INA745B
SBOSAC3B – JULY 2023 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: INA745A INA745B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com