Electronic Components Datasheet Search
  English  ▼

X  

INA745B Datasheet(PDF) 8 Page - Texas Instruments

Part # INA745B
Description  INA745x 40V, 16-Bit, Precision I2C Output Digital Power Monitor With EZShunt™ Technology
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA745B Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA745B Datasheet HTML 4Page - Texas Instruments INA745B Datasheet HTML 5Page - Texas Instruments INA745B Datasheet HTML 6Page - Texas Instruments INA745B Datasheet HTML 7Page - Texas Instruments INA745B Datasheet HTML 8Page - Texas Instruments INA745B Datasheet HTML 9Page - Texas Instruments INA745B Datasheet HTML 10Page - Texas Instruments INA745B Datasheet HTML 11Page - Texas Instruments INA745B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
5.8 Typical Characteristics
at TA = 25°C, VVS = 3.3V, VCM = 12V, VSENSE = 0, and VVBUS = 12V (unless otherwise noted)
Input Offset Current (mA)
-10
-8
-6
-4
-2
0
2
4
6
8
10
Figure 5-2. Shunt Input Offset Current Production Distribution
Temperature ( C)
-50
-25
0
25
50
75
100
125
150
-5
-4
-3
-2
-1
0
1
2
3
4
5
Figure 5-3. Input Offset Current vs Temperature
Common-Mode Rejection Ratio ( A/V)
-250 -200 -150 -100
-50
0
50
100
150
200
250
Figure 5-4. Common-Mode Rejection Ratio Production
Distribution
Temperature ( C)
-50
-25
0
25
50
75
100
125
150
-50
-30
-10
10
30
50
Figure 5-5. Current Common-Mode Rejection Ratio vs
Temperature
Gain Error (m%)
-300
-200
-100
0
100
200
300
VCM = 24V
Figure 5-6. Current Gain Error Production Distribution
Temperature ( C)
-50
-25
0
25
50
75
100
125
150
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
VCM = 24V
Figure 5-7. Current Gain Error vs Temperature
INA745A, INA745B
SBOSAC3B – JULY 2023 – REVISED AUGUST 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA745A INA745B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com