Electronic Components Datasheet Search
  English  ▼

X  

INA8281 Datasheet(PDF) 28 Page - Texas Instruments

Part # INA8281
Description  INA828 50-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA8281 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA8281 Datasheet HTML 24Page - Texas Instruments INA8281 Datasheet HTML 25Page - Texas Instruments INA8281 Datasheet HTML 26Page - Texas Instruments INA8281 Datasheet HTML 27Page - Texas Instruments INA8281 Datasheet HTML 28Page - Texas Instruments INA8281 Datasheet HTML 29Page - Texas Instruments INA8281 Datasheet HTML 30Page - Texas Instruments INA8281 Datasheet HTML 31Page - Texas Instruments INA8281 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0
50
100
150
200
Temperature (
ƒC)
C001
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
50
100
150
200
Temperature (
ƒC)
C001
-IN
+IN
INA828
15 V
VOUT
0 V at 0°C
5 V at 200°C
25 mV/°C
-15 V
Copyright © 2017, Texas Instruments Incorporated
4.99
k
4.99
k
100
Pt100 RTD
100
105 k
1.13
k
2.87
k
1.18 k
REF5050
100
k
VOUT
NR
VIN
GND
OUT
RG
RG
28
INA828
SBOS792A – AUGUST 2017 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: INA828
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
8.5 Other Application Examples
8.5.1 Resistance Temperature Detector Interface
Figure 71 illustrates a 3-wire interface circuit for resistance temperature detectors (RTDs). The circuit
incorporates analog linearization and has an output voltage range from 0 to 5 V. The linearization technique
employed is described in Analog linearization of resistance temperature detectors. Series and parallel
combinations of standard 1% resistor values are used to achieve less than 0.02°C of error over a 200°C
temperature span.
Figure 71. A 3-Wire Interface for RTDs With Analog Linearization
Figure 72. Transfer Function of 3-Wire RTD Interface
Figure 73. Temperature Error Over Full Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com