Electronic Components Datasheet Search
  English  ▼

X  

INA8281 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA8281
Description  INA828 50-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA8281 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA8281 Datasheet HTML 4Page - Texas Instruments INA8281 Datasheet HTML 5Page - Texas Instruments INA8281 Datasheet HTML 6Page - Texas Instruments INA8281 Datasheet HTML 7Page - Texas Instruments INA8281 Datasheet HTML 8Page - Texas Instruments INA8281 Datasheet HTML 9Page - Texas Instruments INA8281 Datasheet HTML 10Page - Texas Instruments INA8281 Datasheet HTML 11Page - Texas Instruments INA8281 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
0
50
100
150
200
250
300
Common-Mode Rejection Ratio ( V/V)
C001
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
-50
0
50
100
150
Temperature (ƒC)
Mean
1
- 1
C116
0
50
100
150
200
250
300
350
400
450
Input Offset Current (pA)
C001
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
±50
0
50
100
150
Temperature (ƒC)
Mean
1
- 1
C117
0
50
100
150
200
250
300
350
400
450
Input Bias Current (pA)
C001
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
Input Bias Current (pA)
C001
8
INA828
SBOS792A – AUGUST 2017 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: INA828
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
N = 1886
Mean = 36.25 pA
Std. Dev. = 65.31 pA
Figure 7. Typical Distribution of Input Bias Current (25°C)
N = 19081
Mean = –5.32 pA
Std. Dev. = 57.46 pA
Figure 8. Typical Distribution of Input Bias Current (90°C)
N = 1886
Mean = –52.64 pA
Std. Dev. = 63.86 pA
Figure 9. Typical Distribution of Input Offset Current
Figure 10. Input Bias Current vs Temperature
Figure 11. Input Offset Current vs Temperature
N = 1886
Mean = 1.18 µV/V
Std. Dev. = 10.04 µV/V
Figure 12. Typical CMRR Distribution (G = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com