Electronic Components Datasheet Search
  English  ▼

X  

INA8281 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA8281
Description  INA828 50-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA8281 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA8281 Datasheet HTML 8Page - Texas Instruments INA8281 Datasheet HTML 9Page - Texas Instruments INA8281 Datasheet HTML 10Page - Texas Instruments INA8281 Datasheet HTML 11Page - Texas Instruments INA8281 Datasheet HTML 12Page - Texas Instruments INA8281 Datasheet HTML 13Page - Texas Instruments INA8281 Datasheet HTML 14Page - Texas Instruments INA8281 Datasheet HTML 15Page - Texas Instruments INA8281 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
-15
-14.9
-14.8
-14.7
-14.6
-14.5
-14.4
-14.3
-14.2
-14.1
-14
0
2
4
6
8
10
12
14
16
Output Current (mA)
-40°C
25°C
85°C
125°C
C129
14
14.1
14.2
14.3
14.4
14.5
14.6
14.7
14.8
14.9
15
0
2
4
6
8
10
12
14
16
Output Current (mA)
-40°C
25°C
85°C
125°C
C128
50
100
150
200
250
300
-14
-13.8
-13.6
-13.4
-13.2
-13
-12.8
-12.6
Input Common-Mode Voltage (V)
-40°C
25°C
85°C
125°C
C126
-300
-280
-260
-240
-220
-200
-180
-160
12.5
12.7
12.9
13.1
13.3
13.5
13.7
Input Common-Mode Voltage (V)
-40°C
25°C
85°C
125°C
C127
-10
-8
-6
-4
-2
0
2
4
6
8
10
±10
±8
±6
±4
±2
0
2
4
6
8
10
Output Voltage (V)
C124
-20
-15
-10
-5
0
5
10
15
20
±10
±8
±6
±4
±2
0
2
4
6
8
10
Output Voltage (V)
C125
12
INA828
SBOS792A – AUGUST 2017 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: INA828
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
Figure 31. Gain Nonlinearity (G = 1)
Figure 32. Gain Nonlinearity (G = 100)
Figure 33. Offset Voltage vs Negative Common-Mode
Voltage
Figure 34. Offset Voltage vs Positive Common-Mode
Voltage
Figure 35. Positive Output Voltage Swing vs Output Current
Figure 36. Negative Output Voltage Swing vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com