Electronic Components Datasheet Search
  English  ▼

X  

INA8281 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA8281
Description  INA828 50-μV Offset, 7-nV/√Hz Noise, Low-Power, Precision Instrumentation Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA8281 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA8281 Datasheet HTML 3Page - Texas Instruments INA8281 Datasheet HTML 4Page - Texas Instruments INA8281 Datasheet HTML 5Page - Texas Instruments INA8281 Datasheet HTML 6Page - Texas Instruments INA8281 Datasheet HTML 7Page - Texas Instruments INA8281 Datasheet HTML 8Page - Texas Instruments INA8281 Datasheet HTML 9Page - Texas Instruments INA8281 Datasheet HTML 10Page - Texas Instruments INA8281 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
±100
±80
±60
±40
±20
0
20
40
60
80
100
±50
0
50
100
150
Temperature (ƒC)
Mean
1
- 1
C001
±500
±400
±300
±200
±100
0
100
200
300
400
500
±50
0
50
100
150
Temperature (ƒC)
Mean
1
- 1
C001
0
100
200
300
400
500
600
Output Offset Voltage ( V)
C001
0
1000
2000
3000
4000
5000
6000
Output Offset Voltage Drift ( V/
ƒC)
C001
0
50
100
150
200
250
300
350
400
450
Input Offset Voltage ( V)
C001
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Input Offset Voltage Drift ( V/
ƒC)
C001
7
INA828
www.ti.com
SBOS792A – AUGUST 2017 – REVISED JANUARY 2018
Product Folder Links: INA828
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
6.6 Typical Characteristics
At TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
N = 1886
Mean = 4.73 µV
Std. Dev. = 13.98 µV
Figure 1. Typical Distribution of Input Offset Voltage
N = 19081
Mean = 0.16 nV/°C
Std. Dev. = 0.09 µV/°C
Figure 2. Typical Distribution of Input Offset Voltage Drift
N = 1886
Mean = –8.71 µV
Std. Dev. = 48.57 µV
Figure 3. Typical Distribution of Output Offset Voltage
N = 19081
Mean = –0.73 µV/°C
Std. Dev. = 0.74 µV/°C
Figure 4. Typical Distribution of Output Offset Voltage Drift
G = 100
88 units, 3 wafer lots
Figure 5. Input-Referred Offset Voltage vs Temperature
G = 1
88 units, 3 wafer lots
Figure 6. Input-Referred Offset Voltage vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com