Electronic Components Datasheet Search
  English  ▼

X  

ISO1430 Datasheet(PDF) 34 Page - Texas Instruments

Part # ISO1430
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1430 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ISO1430 Datasheet HTML 30Page - Texas Instruments ISO1430 Datasheet HTML 31Page - Texas Instruments ISO1430 Datasheet HTML 32Page - Texas Instruments ISO1430 Datasheet HTML 33Page - Texas Instruments ISO1430 Datasheet HTML 34Page - Texas Instruments ISO1430 Datasheet HTML 35Page - Texas Instruments ISO1430 Datasheet HTML 36Page - Texas Instruments ISO1430 Datasheet HTML 37Page - Texas Instruments ISO1430 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
12 Layout
12.1 Layout Guidelines
A minimum of four layers is required to accomplish a low EMI PCB design (see Figure 12-2). Layer stacking
must be in the following order (top-to-bottom): high-speed signal layer, ground plane, power plane and low-
frequency signal layer.
• Routing the high-speed traces on the top layer avoids the use of vias (and the introduction of the
inductances) and allows for clean interconnects between the isolator and the transmitter and receiver circuits
of the data link.
• Placing a solid ground plane next to the high-speed signal layer establishes controlled impedance for
transmission line interconnects and provides an excellent low-inductance path for the return current flow.
• Placing the power plane next to the ground plane creates additional high-frequency bypass capacitance of
approximately 100 pF/in2.
• Routing the slower speed control signals on the bottom layer allows for greater flexibility as these signal links
usually have margin to tolerate discontinuities such as vias.
Section 12.2 shows the recommended placement and routing of the device bypass capacitors and optional TVS
diodes. Put the VCC2 bypass capacitors on the top layer and as near to the device pins as possible. Do not use
vias to complete the connection to the VCC2 and GND2 pins. If an additional supply voltage plane or signal layer
is needed, add a second power or ground plane system to the stack to keep the it symmetrical. This makes the
stack mechanically stable and prevents it from warping. Also the power and ground plane of each power system
can be placed closer together, thus increasing the high-frequency bypass capacitance significantly.
Refer to the Digital Isolator Design Guide for detailed layout recommendations.
12.1.1 PCB Material
For digital circuit boards operating at less than 150 Mbps, (or rise and fall times greater than 1 ns), and trace
lengths of up to 10 inches, use standard FR-4 UL94V-0 printed circuit board. This PCB is preferred over cheaper
alternatives because of lower dielectric losses at high frequencies, less moisture absorption, greater strength
and stiffness, and the self-extinguishing flammability-characteristics.
12.2 Layout Example
10 mils
10 mils
40 mils
FR-4
0r ~ 4.5
Keep this space
free from planes,
traces, pads, and
vias
Ground plane
Power plane
Low-speed traces
High-speed traces
Figure 12-1. Recommended Layer Stack
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com