Electronic Components Datasheet Search
  English  ▼

X  

ISO1430 Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO1430
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1430 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO1430 Datasheet HTML 6Page - Texas Instruments ISO1430 Datasheet HTML 7Page - Texas Instruments ISO1430 Datasheet HTML 8Page - Texas Instruments ISO1430 Datasheet HTML 9Page - Texas Instruments ISO1430 Datasheet HTML 10Page - Texas Instruments ISO1430 Datasheet HTML 11Page - Texas Instruments ISO1430 Datasheet HTML 12Page - Texas Instruments ISO1430 Datasheet HTML 13Page - Texas Instruments ISO1430 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
7.10 Electrical Characteristics: Receiver
All typical specs are at VCC1=3.3V, VCC2=5V, TA=27°C, (Min/Max specs are over recommended operating conditions unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Ii1
Bus input current
VDE = 0 V, VCC2 = 0 V or VCC2 = 5.5 V, 500-kbps
devices, VI = –7 V or VI = 12 V, other input at 0 V
–100
125
µA
Ii1
Bus input current
VDE = 0 V, VCC2 = 0 V or VCC2 = 5.5 V, 12-Mbps and
50-Mbps devices, VI = –7 V or VI = 12 V,
other input at 0 V
–100
125
µA
Ii1
Bus input current
VDE = 0 V, VCC2 = 0 V or VCC2 = 5.5 V, 500-kbps
devices, VI = –15 V or VI = 15 V, other input at 0 V
-200
125
µA
Ii1
Bus input current
VDE = 0 V, VCC2 = 0 V or VCC2 = 5.5 V, 12-Mbps and
50-Mbps devices, VI = –15 V or VI = 15 V,
other input at 0 V
-200
125
µA
VTH+
Positive-going input threshold voltage
–15 V ≤ VCM ≤ 15 V
See (1)
-100
–10
mV
–7 V ≤ VCM ≤ 12 V
See (1)
-100
–20
mV
VTH–
Negative-going input threshold
voltage
–15 V ≤ VCM ≤ 15 V
–200
–130
See (1)
mV
Vhys
Input hysteresis (VTH+ – VTH–)
–15 V ≤ VCM ≤ 15 V
30
mV
VOH
Output high voltage on the R pin
VCC1=5V ± 10%, IOH = –4 mA, VID = 200 mV
VCC1 – 0.4
V
VCC1=3.3V ± 10%, IOH = –2 mA, VID = 200 mV
VCC1 – 0.3
V
VCC1=2.5V ± 10%, 1.8V+/-5%, IOH = –1 mA, VID =
200 mV
VCC1 – 0.2
V
VOL
Output low voltage on the R pin
VCC1=5V ± 10%, IOL = 4 mA, VID = –200 mV
0.4
V
VCC1=3.3V ± 10%, IOL = 2 mA, VID = –200 mV
0.3
V
VCC1=2.5V ± 10%, 1.8V ± 5%, IOL = 1 mA, VID =
–200 mV
0.2
V
IOZ
Output high-impedance current on
the R pin
VR = 0 V or VR = VCC1, VRE = VCC1
–1
1
µA
Ii
Input current on the RE pin
VRE = 0 V or VRE = VCC1
–10
10
µA
CMTI
Common-mode transient immunity
VCC1=1.71 V to 5.5 V, VID = 1.5 V or -1.5 V, VCM =
1200 V, ISO141x, See Figure 8-4
85
100
kV/µs
CMTI
Common-mode transient immunity
VCC1=1.71 V to 5.5 V, VID = 1.5 V or -1.5 V, VCM =
1200 V, ISO143x, See Figure 8-4
85
100
kV/µs
CMTI
Common-mode transient immunity
VCC1=2.25 V to 5.5 V, VID = 1.5 V or -1.5 V, VCM =
1200 V, ISO145x, See Figure 8-4
85
100
kV/µs
(1)
Under any specific conditions, VTH+ is verified to be at least Vhys higher than VTH–.
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com