Electronic Components Datasheet Search
  English  ▼

X  

ISO1430 Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO1430
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1430 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO1430 Datasheet HTML 3Page - Texas Instruments ISO1430 Datasheet HTML 4Page - Texas Instruments ISO1430 Datasheet HTML 5Page - Texas Instruments ISO1430 Datasheet HTML 6Page - Texas Instruments ISO1430 Datasheet HTML 7Page - Texas Instruments ISO1430 Datasheet HTML 8Page - Texas Instruments ISO1430 Datasheet HTML 9Page - Texas Instruments ISO1430 Datasheet HTML 10Page - Texas Instruments ISO1430 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
7.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
SPECIFICATIONS
UNIT
DW-16
IEC 60664-1
CLR
External clearance (1)
Side 1 to side 2 distance through air
>8
mm
CPG
External creepage (1)
Side 1 to side 2 distance across package surface >8
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
>17
µm
CTI
Comparative tracking index
IEC 60112; UL 746A
>600
V
Material Group
According to IEC 60664-1
I
Overvoltage category
Rated mains voltage ≤ 600 VRMS
I-IV
Rated mains voltage ≤ 1000 VRMS
I-III
DIN VDE V 0884-11:2017-01(2)
VIORM
Maximum repetitive peak isolation voltage AC voltage (bipolar)
1500
VPK
VIOWM
Maximum working isolation voltage
AC voltage (sine wave); time-dependent dielectric
breakdown (TDDB) test; see Figure 10-7
1060
VRMS
DC voltage
1500
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM , t = 60 s (qualification); VTEST =
1.2 × VIOTM, t = 1 s (100% production)
7071
VPK
VIOSM
Maximum surge isolation voltage
ISO141x (3)
Test method per IEC 62368-1, 1.2/50 µs
waveform, VTEST = 1.6 × VIOSM = 10000 VPK
(qualification)
6250
VPK
Maximum surge isolation voltage
ISO141xB (3)
Test method per IEC 62368-1, 1.2/50 µs
waveform, VTEST = 1.3 × VIOSM = 6000 VPK
(qualification)
4615
VPK
qpd
Apparent charge (4)
Method a: After I/O safety test subgroup 2/3, Vini
= VIOTM, tini = 60 s; Vpd(m) = 1.2 × VIORM , tm = 10
s
≤ 5
pC
Method a: After environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s;
ISO14xx: Vpd(m) = 1.6 × VIORM , tm = 10 s
ISO14xxB: Vpd(m) = 1.2 × VIORM , tm = 10 s
≤ 5
Method b1: At routine test (100% production) and
preconditioning (type test), Vini = VIOTM, tini = 1 s;
ISO14xx: Vpd(m) = 1.875 × VIORM , tm = 1 s
ISO14xxB: Vpd(m) = 1.5 × VIORM , tm = 1 s
≤ 5
CIO
Barrier capacitance, input to output (5)
VIO = 0.4 × sin (2 πft), f = 1 MHz
1
pF
RIO
Insulation resistance, input to output (5)
VIO = 500 V, TA = 25°C
> 1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 150°C
> 1011
VIO = 500 V at TS = 150°C
> 109
Pollution degree
2
Climatic category
40/125/21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO , t = 60 s (qualification);
VTEST = 1.2 × VISO , t = 1 s (100% production)
5000
VRMS
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application.
Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the
isolator on the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal
in certain cases. Techniques such as inserting grooves, ribs, or both on a printed circuit board are used to help increase these
specifications.
(2)
ISO14xx is suitable for safe electrical insulation and ISO14xxB is suitable for basic electrical insulation only within the safety ratings.
Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
(3)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
(4)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(5)
All pins on each side of the barrier tied together creating a two-pin device.
www.ti.com
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com