Electronic Components Datasheet Search
  English  ▼

X  

ISO1430 Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO1430
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1430 Datasheet(HTML) 4 Page - Texas Instruments

  ISO1430 Datasheet HTML 1Page - Texas Instruments ISO1430 Datasheet HTML 2Page - Texas Instruments ISO1430 Datasheet HTML 3Page - Texas Instruments ISO1430 Datasheet HTML 4Page - Texas Instruments ISO1430 Datasheet HTML 5Page - Texas Instruments ISO1430 Datasheet HTML 6Page - Texas Instruments ISO1430 Datasheet HTML 7Page - Texas Instruments ISO1430 Datasheet HTML 8Page - Texas Instruments ISO1430 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Pin Functions: Half-Duplex Device
1
V
CC1
16
V
CC2
2
GND1
15
GND2
3
R
14
NC
4
RE
13
B
5
DE
12
A
6
D
11
NC
7
NC
10
NC
8
GND1
9
GND2
Not to scale
Figure 6-2. DW Package 16-Pin SOIC Half-Duplex Device Top View
PIN
Type(1)
DESCRIPTION
NAME
NO.
A
12
I/O
Transceiver non-inverting input or output (I/O) on the bus side
B
13
I/O
Transceiver inverting input or output (I/O) on the bus side
D
6
I
Driver input
DE
5
I
Driver enable. This pin enables the driver output when high and disables the driver
output when low or open.
GND1(2)
2
—
Ground connection for VCC1
GND1(2)
8
—
Ground connection for VCC1
GND2(2)
9
—
Ground connection for VCC2
GND2(2)
15
—
Ground connection for VCC2
NC(3)
7
—
No internal connection
NC(3)
10
—
No internal connection
NC(3)
11
—
No internal connection
NC(3)
14
—
No internal connection
R
3
O
Receiver output
RE
4
I
Receiver enable. This pin disables the receiver output when high or open and enables
the receiver output when low.
VCC1
1
—
Logic-side power supply
VCC2
16
—
Transceiver-side power supply
(1)
I = Input, O = Output, I/O = Input or Output
(2)
For Logic side, both Pin 2 and Pin 8 must be connected to GND1. For Bus side, both Pin 9 and Pin 15 must be connected to GND2.
(3)
Device functionality is not affected if NC pins are connected to supply or ground on PCB
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com