Electronic Components Datasheet Search
  English  ▼

X  

ISO7730 Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO7730
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7730 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7730 Datasheet HTML 17Page - Texas Instruments ISO7730 Datasheet HTML 18Page - Texas Instruments ISO7730 Datasheet HTML 19Page - Texas Instruments ISO7730 Datasheet HTML 20Page - Texas Instruments ISO7730 Datasheet HTML 21Page - Texas Instruments ISO7730 Datasheet HTML 22Page - Texas Instruments ISO7730 Datasheet HTML 23Page - Texas Instruments ISO7730 Datasheet HTML 24Page - Texas Instruments ISO7730 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
5.19 Typical Characteristics
Data Rate (Mbps)
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
ICC1 at 2.5V
ICC2 at 2.5V
ICC1 at 3.3V
ICC2 at 3.3V
ICC1 at 5V
ICC2 at 5V
TA = 25°C
CL = 15 pF
Figure 5-5. ISO7730 Supply Current vs Data Rate
(With 15-pF Load)
Data Rate (Mbps)
0
25
50
75
100
0
1
2
3
4
5
6
7
8
ICC1 at 2.5V
ICC2 at 2.5V
ICC1 at 3.3V
ICC2 at 3.3V
ICC1 at 5V
ICC2 at 5V
TA = 25°C
CL = No Load
Figure 5-6. ISO7730 Supply Current vs Data Rate
(With No Load)
Data Rate (Mbps)
0
25
50
75
100
0
2
4
6
8
10
12
14
16
ICC1 at 2.5V
ICC2 at 2.5V
ICC1 at 3.3V
ICC2 at 3.3V
ICC1 at 5V
ICC2 at 5V
TA = 25°C
CL = 15 pF
Figure 5-7. ISO7731 Supply Current vs Data Rate
(With 15-pF Load)
Data Rate (Mbps)
0
25
50
75
100
0
1
2
3
4
5
6
7
8
ICC1 at 2.5V
ICC2 at 2.5V
ICC1 at 3.3V
ICC2 at 3.3V
ICC1 at 5V
ICC2 at 5V
A.
TA = 25°C
CL = No Load
Figure 5-8. ISO7731 Supply Current vs Data Rate
(With No Load)
www.ti.com
ISO7730, ISO7731
SLLSES0K – SEPTEMBER 2016 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO7730 ISO7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com