Electronic Components Datasheet Search
  English  ▼

X  

ISO7730 Datasheet(PDF) 32 Page - Texas Instruments

Part # ISO7730
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7730 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO7730 Datasheet HTML 28Page - Texas Instruments ISO7730 Datasheet HTML 29Page - Texas Instruments ISO7730 Datasheet HTML 30Page - Texas Instruments ISO7730 Datasheet HTML 31Page - Texas Instruments ISO7730 Datasheet HTML 32Page - Texas Instruments ISO7730 Datasheet HTML 33Page - Texas Instruments ISO7730 Datasheet HTML 34Page - Texas Instruments ISO7730 Datasheet HTML 35Page - Texas Instruments ISO7730 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
DUT
Vcc 2
Vcc 1
GND 1
GND 2
A
Oven at 150°C
Time Counter
> 1mA
V
S
Figure 8-7. Test Setup for Insulation Lifetime Measurement
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
200
1200
2200
3200
4200
5200
6200
50 %
Applied Voltage (VRMS)
54 years
36 years
20%
20%
VDE safety margin zone
Operating zone
TDDB (<1ppm fail rate)
Figure 8-8. Insulation Lifetime Projection Data
8.3 Power Supply Recommendations
To help provide reliable operation at data rates and supply voltages, a 0.1-μF bypass capacitor is recommended
at the input and output supply pins (VCC1 and VCC2). The capacitors must be placed as close to the supply
pins as possible. If only a single primary-side power supply is available in an application, isolated power can be
generated for the secondary-side with the help of a transformer driver such as Texas Instruments' SN6501 or
SN6505A. For such applications, detailed power supply design and transformer selection recommendations are
available in the SN6501 Transformer Driver for Isolated Power Supplies data sheet or SN6505A Low-Noise 1-A
Transformer Drivers for Isolated Power Supplies (SLLSEP9).
8.4 Layout
8.4.1 Layout Guidelines
A minimum of four layers is required to accomplish a low EMI PCB design (see Figure 8-9). Layer stacking must
be in the following order (top-to-bottom): high-speed signal layer, ground plane, power plane and low-frequency
signal layer.
ISO7730, ISO7731
SLLSES0K – SEPTEMBER 2016 – REVISED SEPTEMBER 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7730 ISO7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com