Electronic Components Datasheet Search
  English  ▼

X  

ISO7730 Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO7730
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7730 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7730 Datasheet HTML 4Page - Texas Instruments ISO7730 Datasheet HTML 5Page - Texas Instruments ISO7730 Datasheet HTML 6Page - Texas Instruments ISO7730 Datasheet HTML 7Page - Texas Instruments ISO7730 Datasheet HTML 8Page - Texas Instruments ISO7730 Datasheet HTML 9Page - Texas Instruments ISO7730 Datasheet HTML 10Page - Texas Instruments ISO7730 Datasheet HTML 11Page - Texas Instruments ISO7730 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
PARAMETER
TEST CONDITIONS
VALUE
UNIT
DW-16
DBQ-16
RIO
Isolation resistance(6)
VIO = 500 V, TA = 25°C
>1012
>1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 125°C
>1011
>1011
VIO = 500 V at TS = 150°C
>109
>109
Pollution degree
2
2
Climatic category
55/125/
21
55/125/21
UL 1577
VISO
Maximum withstanding
isolation voltage
VTEST = VISO , t = 60 s (qualification),
VTEST = 1.2 x VISO , t = 1 s (100% production)
5000
3000
VRMS
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application.
Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become
equal in certain cases. Techniques such as inserting grooves and/or ribs on a printed-circuit board are used to help increase these
specifications.
(2)
This coupler is suitable for safe electrical insulation (ISO773x) and basic electrical insulation (ISO7731B) only within the safety ratings.
Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
(3)
Testing is carried out in air to determine the surge immunity of the package
(4)
Testing is carried out in oil to determine the intrinsic surge immunity of the isolation barrier.
(5)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(6)
All pins on each side of the barrier tied together creating a two-terminal device.
ISO7730, ISO7731
SLLSES0K – SEPTEMBER 2016 – REVISED SEPTEMBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7730 ISO7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com