Electronic Components Datasheet Search
  English  ▼

X  

ISO7730 Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO7730
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7730 Datasheet(HTML) 3 Page - Texas Instruments

  ISO7730 Datasheet HTML 1Page - Texas Instruments ISO7730 Datasheet HTML 2Page - Texas Instruments ISO7730 Datasheet HTML 3Page - Texas Instruments ISO7730 Datasheet HTML 4Page - Texas Instruments ISO7730 Datasheet HTML 5Page - Texas Instruments ISO7730 Datasheet HTML 6Page - Texas Instruments ISO7730 Datasheet HTML 7Page - Texas Instruments ISO7730 Datasheet HTML 8Page - Texas Instruments ISO7730 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
GND1
GND2
9
8
EN1
EN2
10
7
NC
NC
11
6
OUTC
INC
12
5
INB
OUTB
13
4
INA
OUTA
14
3
GND1
GND2
15
2
VCC1
VCC2
16
1
Figure 4-2. ISO7731 DW and DBQ Packages 16-Pin SOIC-WB and QSOP Top View
Table 4-1. Pin Functions
PIN
Type(1)
DESCRIPTION
NAME
NO.
ISO7730
ISO7731
EN1
—
7
I
Output enable 1. Output pins on side 1 are enabled when EN1 is high or
open and in high-impedance state when EN1 is low.
EN2
10
10
I
Output enable 2. Output pins on side 2 are enabled when EN2 is high or
open and in high-impedance state when EN2 is low.
GND1
2, 8
2, 8
—
Ground connection for VCC1
GND2
9, 15
9, 15
—
Ground connection for VCC2
INA
3
3
I
Input, channel A
INB
4
4
I
Input, channel B
INC
5
12
I
Input, channel C
NC
6, 7, 11
6, 11
—
Not connected
OUTA
14
14
O
Output, channel A
OUTB
13
13
O
Output, channel B
OUTC
12
5
O
Output, channel C
VCC1
1
1
—
Power supply, VCC1
VCC2
16
16
—
Power supply, VCC2
www.ti.com
ISO7730, ISO7731
SLLSES0K – SEPTEMBER 2016 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISO7730 ISO7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com