Electronic Components Datasheet Search
  English  ▼

X  

TDA7575B Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7575B
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575B Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7575B Datasheet HTML 1Page - STMicroelectronics TDA7575B Datasheet HTML 2Page - STMicroelectronics TDA7575B Datasheet HTML 3Page - STMicroelectronics TDA7575B Datasheet HTML 4Page - STMicroelectronics TDA7575B Datasheet HTML 5Page - STMicroelectronics TDA7575B Datasheet HTML 6Page - STMicroelectronics TDA7575B Datasheet HTML 7Page - STMicroelectronics TDA7575B Datasheet HTML 8Page - STMicroelectronics TDA7575B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
September 2013
Doc ID 14103 Rev 3
1/32
1
TDA7575B
2 x 75W multifunction dual-bridge power amplifier
with integrated digital diagnostics
Features
■ Multipower bcd technology
■ MOSFET output power stage
■ DMOS power output
■ New high-efficiency (class AB)
■ Single-channel 1driving capability
■ High output power capability 2x28 W/4  @
14.4 V, 1 kHz, 10 % THD
■ Max. output power 2x75 W/2 1x150 W/1 
■ Single-channel 1  driving capability
■ 84 W undistorted power
■ Full I2C bus driving with 4 address possibilities:
– Standby
–Play/mute
– Gain 12/26 dB
– Full digital diagnostic (AC and DC loads)
■ Possibility to disable the I2C bus
■ Differential inputs
■ Full fault protection
■ DC offset detection
■ Two independent short circuit protections
■ Diagnostic on clipping detector with selectable
threshold (2 % / 10 %)
■ Clipping detector as diagnostic pin when I2C
bus is disabled
■ Standby/mute pins
■ ESD protection
Description
The TDA7575B is a new MOSFET dual bridge
amplifier specially intended for car radio
applications. Thanks to the DMOS output stage
the TDA7575B has a very low distortion allowing
a clear powerful sound.
Among the features, its superior efficiency
performance coming from the internal exclusive
structure, makes it the most suitable device to
simplify the thermal management in high power
sets.The dissipated output power under average
listening condition is in fact reduced up to 50%
when compared to the level provided by
conventional class AB solutions.
This device is equipped with a full diagnostic array
that communicates the status of each speaker
through the I2C bus. The TDA7575B has also the
possibility of driving loads down to 1
 paralleling
the outputs into a single channel. It is also
possible to disable the I2C and control the
TDA7575B by means of the usual standby and
mute pins.
PowerSO36
Flexiwatt27
(slug up)
Table 1.
Device summary
Order code
Package
Packing
TDA7575B
Flexiwatt27
Tube
TDA7575BPD
PowerSO36 (slug up)
Tube
TDA7575BPDTR
PowerSO36 (slug up)
Tape and reel
www.st.com


Similar Part No. - TDA7575B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7575B STMICROELECTRONICS-TDA7575B Datasheet
521Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
30-Oct-2007
TDA7575BPD STMICROELECTRONICS-TDA7575BPD Datasheet
521Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
30-Oct-2007
TDA7575BPDTR STMICROELECTRONICS-TDA7575BPDTR Datasheet
521Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
30-Oct-2007
More results

Similar Description - TDA7575B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7575 STMICROELECTRONICS-TDA7575 Datasheet
193Kb / 17P
MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
Oct-2002
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7575PD STMICROELECTRONICS-TDA7575PD Datasheet
536Kb / 17P
MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
Mar-2004
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7575B STMICROELECTRONICS-TDA7575B Datasheet
521Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
30-Oct-2007
TDA7563B STMICROELECTRONICS-TDA7563B Datasheet
508Kb / 33P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
19-Dec-2007
TDA7564B STMICROELECTRONICS-TDA7564B Datasheet
505Kb / 34P
4 x 50W multifunction quad power amplifier with built-in diagnostics features
22-Jan-2007
TDA7563A STMICROELECTRONICS-TDA7563A Datasheet
526Kb / 35P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
07-Feb-2008
TDA7577BLV STMICROELECTRONICS-TDA7577BLV Datasheet
816Kb / 43P
2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
13-Jan-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com