Electronic Components Datasheet Search
  English  ▼

X  

TDA7575B Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7575B
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7575B Datasheet HTML 13Page - STMicroelectronics TDA7575B Datasheet HTML 14Page - STMicroelectronics TDA7575B Datasheet HTML 15Page - STMicroelectronics TDA7575B Datasheet HTML 16Page - STMicroelectronics TDA7575B Datasheet HTML 17Page - STMicroelectronics TDA7575B Datasheet HTML 18Page - STMicroelectronics TDA7575B Datasheet HTML 19Page - STMicroelectronics TDA7575B Datasheet HTML 20Page - STMicroelectronics TDA7575B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
TDA7575B
I2C bus interface
Doc ID 14103 Rev 3
17/32
Figure 27.
Timing diagram on the I2C bus
Figure 28.
Timing acknowledge clock pulse
5.5
1
 capability setting
It is possible to drive 1
 load paralleling the outputs into a single channel.
In order to implement this feature, outputs are to be connected on the board as follows:
●
OUT1+ (pin 35 and pin 36) shorted to OUT2+ (pin 19 and pin 20)
●
OUT1- (pin 28 and pin 29) shorted to OUT2- (pin 26 and pin 27).
It is recommended to minimize the impedance on the board between OUT2 and the load in
order to minimize THD distortion. It is also recommended to control the maximum mismatch
impedance between VCC pins (pin 21/pin 22 respect to pin 33/pin 34) and between PWGND
pins (pin 24/pin 25 respect to pin 30/pin 31), mismatch that must not exceed a value of
20 m

With 1
 feature settled the active input is IN2 (pin 17 and pin 18), therefore IN1 pins should
be let floating.
It is possible to set the load capability acting on 1
 pin as follows:
1
 pin (pin 15) < 1.5 V: two channels mode (for a minimum load of 2 )
1
 pin (pin 15) > 2.5 V: one channel mode (for 1  load).
It is to remember that 1
Ohm
function is a hardware selection.
Therefore it is recommended to leave 1
pin floating or shorted to GND to set the two
channels mode configuration, or to short 1
 pin to V
CC to set the one channel (1)
configuration.
SCL
SDA
START
I2CBUS
STOP
D99AU1032
SCL
1
MSB
23789
SDA
START
ACKNOWLEDGMENT
FROM RECEIVER
D99AU1033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com