Electronic Components Datasheet Search
  English  ▼

X  

TDA7575B Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7575B
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7575B Datasheet HTML 9Page - STMicroelectronics TDA7575B Datasheet HTML 10Page - STMicroelectronics TDA7575B Datasheet HTML 11Page - STMicroelectronics TDA7575B Datasheet HTML 12Page - STMicroelectronics TDA7575B Datasheet HTML 13Page - STMicroelectronics TDA7575B Datasheet HTML 14Page - STMicroelectronics TDA7575B Datasheet HTML 15Page - STMicroelectronics TDA7575B Datasheet HTML 16Page - STMicroelectronics TDA7575B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TDA7575B
Electrical characteristics curves
Doc ID 14103 Rev 3
13/32
Figure 15.
Cross talk vs. frequency
(LD mode)
Figure 16. CMRRR vs. frequency
Figure 17. Output attenuation vs. supply
voltage (vs. dependent muting)
Figure 18.
Output attenuation vs. mute pin
voltage
Figure 19. Power dissipation vs. output power
(4
 - SINE)
Figure 20.
Power dissipation vs. output power
(2
 - SINE)
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1000
10000
100000
CROSSTALK (dB)
f (Hz)
LD mode
Vo=1 Vrms
RL=100 Ohm
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1000
10000
100000
CROSSTALK (dB)
f (Hz)
LD mode
Vo=1 Vrms
RL=100 Ohm
-70
-60
-50
-40
10
100
1000
10000
100000
CMRR (dB)
f (Hz)
Vcm=1 Vpp
-70
-60
-50
-40
10
100
1000
10000
100000
CMRR (dB)
f (Hz)
Vcm=1 Vpp
-120
-100
-80
-60
-40
-20
0
20
5
678
9
10
Vs (V)
OUT ATTN (dB)
0 dB=1 Vrms
RL=2 Ohm
-120
-100
-80
-60
-40
-20
0
20
5
678
9
10
Vs (V)
OUT ATTN (dB)
0 dB=1 Vrms
RL=2 Ohm
-100
-80
-60
-40
-20
0
20
1
1.5
2
2.5
3
3.5
4
OUT ATTN (dB)
MUTE PIN V (V)
0 dB=2 Vrms
RL=2 Ohm
-100
-80
-60
-40
-20
0
20
1
1.5
2
2.5
3
3.5
4
OUT ATTN (dB)
MUTE PIN V (V)
0 dB=2 Vrms
RL=2 Ohm
0
5
10
15
20
25
30
35
0.1
1
10
100
Ptot (W)
Po (W)
Vs=14.4V
RL=2 x 4 Ohm
f=1 KHz
STD
HI-EFF
0
5
10
15
20
25
30
35
0.1
1
10
100
Ptot (W)
Po (W)
Vs=14.4V
RL=2 x 4 Ohm
f=1 KHz
STD
HI-EFF
0
10
20
30
40
50
60
0.1
1
10
100
Ptot (W)
Po (W)
Vs=14.4V
RL:=2 x 2 Ohm
f=1 KHz
STD
HI-EFF
0
10
20
30
40
50
60
0.1
1
10
100
Ptot (W)
Po (W)
Vs=14.4V
RL:=2 x 2 Ohm
f=1 KHz
STD
HI-EFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com