Electronic Components Datasheet Search
  English  ▼

X  

TDA7575B Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7575B
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7575B Datasheet HTML 7Page - STMicroelectronics TDA7575B Datasheet HTML 8Page - STMicroelectronics TDA7575B Datasheet HTML 9Page - STMicroelectronics TDA7575B Datasheet HTML 10Page - STMicroelectronics TDA7575B Datasheet HTML 11Page - STMicroelectronics TDA7575B Datasheet HTML 12Page - STMicroelectronics TDA7575B Datasheet HTML 13Page - STMicroelectronics TDA7575B Datasheet HTML 14Page - STMicroelectronics TDA7575B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
TDA7575B
Electrical characteristics curves
Doc ID 14103 Rev 3
11/32
3
Electrical characteristics curves
Figure 3.
Quiescent drain current vs. supply
voltage
Figure 4.
Output power vs. supply voltage
Figure 5.
Output power vs. supply voltage
Figure 6.
Output power vs. supply voltage
Figure 7.
Distortion vs. output power
Figure 8.
Distortion vs. output power
70
80
90
100
110
120
130
140
150
160
8
1012
14
1618
Vs (V)
Id (mA)
Vi=0
NO LOADS
70
80
90
100
110
120
130
140
150
160
8
1012
14
1618
Vs (V)
Id (mA)
Vi=0
NO LOADS
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
8
9
10
11
12
13
14
15
16
17
18
Po (W)
Vs (V)
RL=4 Ohm
f=1 KHz
Po-max
THD=10%
THD=1%
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
8
9
10
11
12
13
14
15
16
17
18
Po (W)
Vs (V)
RL=4 Ohm
f=1 KHz
Po-max
THD=10%
THD=1%
0
10
20
30
40
50
60
70
80
90
100
110
120
130
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
Po (W)
Po-max
THD=10%
THD=1%
RL=2 Ohm
f=1 KHz
0
10
20
30
40
50
60
70
80
90
100
110
120
130
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
Po (W)
Po-max
THD=10%
THD=1%
RL=2 Ohm
f=1 KHz
0
10
20
30
40
50
60
70
80
90
100
110
120
130
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
Po (W)
Po-max
THD=10%
THD=1%
RL=2 Ohm
f=1 KHz
0
10
20
30
40
50
60
70
80
90
100
110
120
130
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
Po (W)
Po-max
THD=10%
THD=1%
RL=2 Ohm
f=1 KHz
0.01
0.1
1
10
0.1
1
10
100
THD (%)
Po (W)
HI-EFF mode
Vs=14.4V
RL=4 Ohm
f=10 KHz
f=1 KHz
0.01
0.1
1
10
0.1
1
10
100
THD (%)
Po (W)
HI-EFF mode
Vs=14.4V
RL=4 Ohm
f=10 KHz
f=1 KHz
0.01
0.1
1
10
0.1
1
10
100
Po (W)
THD (%)
f=1 KHz
f=10 KHz
HI-EFF mode
Vs=14.4V
RL=2 Ohm
0.01
0.1
1
10
0.1
1
10
100
Po (W)
THD (%)
f=1 KHz
f=10 KHz
HI-EFF mode
Vs=14.4V
RL=2 Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com