Electronic Components Datasheet Search
  English  ▼

X  

DRV2667RGPR Datasheet(PDF) 21 Page - Texas Instruments

Part # DRV2667RGPR
Description  DRV2667 Piezo Haptic Driver with Boost, Digital Front End, and Internal Waveform Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV2667RGPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV2667RGPR Datasheet HTML 17Page - Texas Instruments DRV2667RGPR Datasheet HTML 18Page - Texas Instruments DRV2667RGPR Datasheet HTML 19Page - Texas Instruments DRV2667RGPR Datasheet HTML 20Page - Texas Instruments DRV2667RGPR Datasheet HTML 21Page - Texas Instruments DRV2667RGPR Datasheet HTML 22Page - Texas Instruments DRV2667RGPR Datasheet HTML 23Page - Texas Instruments DRV2667RGPR Datasheet HTML 24Page - Texas Instruments DRV2667RGPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Table 7-3. Waveform Chunk Bytes for Synthesizer (continued)
BYTE
NAME
DESCRIPTION
4
Envelope
The envelope byte is divided into two nibbles. The upper nibble, bits [7:4], sets the ramp-up rate
at the beginning of the synthesized sinusoid, and the lower nibble, bits [3:0], sets the ramp-down
rate at the end of the synthesized sinusoid. The user must note that the ramp-up time is included
in the duration parameter of the waveform, and the ramp-down time is appended to the duration
parameter of the waveform. As such, if a ramp-up time is used, the ramp-up time must be less
than the duration time as programmed in byte 3. Also note that the Total Ramp Time is for a
ramp to full-scale amplitude (amplitude = 0xFF). Ramps to a fraction of full-scale have the same
fraction of the Total Ramp Time.
Nibble Value
Total Ramp Time
0
No Envelope
1
32 ms
2
64 ms
3
96 ms
4
128 ms
5
160 ms
6
192 ms
7
224 ms
8
256 ms
9
512 ms
10
768 ms
11
1024 ms
12
1280 ms
13
1536 ms
14
1792 ms
15
2048 ms
7.5.3.2.1 Programming the Waveform Sequencer
To play the effects stored in memory, the effects must be loaded into the waveform sequencer. The effects can
then be launched by the use of the GO bit.
The waveform sequencer queues up to eight waveform identifiers for playback. A waveform identifier is an
integer value referring to the index position of a waveform in the Header Block (see Figure 7-6). Upon assertion
of the GO bit, playback begins at register 0x03. When playback of that waveform ends, the waveform sequencer
plays the next waveform identifier in register 0x04 if the identifier stored in register 0x04 is non-zero. Th
waveform sequencer continues in this way until the sequencer reaches an identifier value of zero or until all eight
identifiers are played as shown in Figure 7-9.
WAVFORM0[7:0]
WAVFORM1[7:0]
WAVFORM2[7:0]
WAVFORM3[7:0]
WAVFORM4[7:0]
WAVFORM5[7:0]
WAVFORM6[7:0]
WAVFORM7[7:0]
Effect 1
Effect 2
Effect 3
Effect 4
Effect 5
Effect N
GO
RAM
Waveform Sequencer
Figure 7-9. Waveform Sequencer
www.ti.com
DRV2667
SLOS751E – MARCH 2013 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DRV2667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com