Electronic Components Datasheet Search
  English  ▼

X  

DRV2667RGPR Datasheet(PDF) 36 Page - Texas Instruments

Part # DRV2667RGPR
Description  DRV2667 Piezo Haptic Driver with Boost, Digital Front End, and Internal Waveform Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV2667RGPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button DRV2667RGPR Datasheet HTML 32Page - Texas Instruments DRV2667RGPR Datasheet HTML 33Page - Texas Instruments DRV2667RGPR Datasheet HTML 34Page - Texas Instruments DRV2667RGPR Datasheet HTML 35Page - Texas Instruments DRV2667RGPR Datasheet HTML 36Page - Texas Instruments DRV2667RGPR Datasheet HTML 37Page - Texas Instruments DRV2667RGPR Datasheet HTML 38Page - Texas Instruments DRV2667RGPR Datasheet HTML 39Page - Texas Instruments DRV2667RGPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
8.3.2.2 Library Storage Example
This example loads and plays the six effects shown in Figure 6-15 through Figure 6-20 into the waveform RAM.
This is a simple example of how to put multiple waveforms in memory for subsequent low-latency recall. It is
generally good practice to put the waveform header in page 1, and the waveform data in the following pages.
When new waveforms are added later, the waveform data does not need to be shifted when this practice is
used. Although this sequence seems long with the verbose descriptions, this example only takes 121 bytes of
the waveform RAM, that is 6% of the available on-chip memory.
I2C ADDRESS
I2C DATA
DESCRIPTION
Control
0x02
0x00
Take device out of standby mode
0x01
0x03
Set to highest gain, 200 VPP maximum
0x03
0x02
Set sequencer to play waveform ID #2 (Figure 6-15)
0x04
0x01
Set sequencer to play waveform ID #1 (Figure 6-16)
0x05
0x03
Set sequencer to play waveform ID #3 (Figure 6-17)
0x06
0x04
Set sequencer to play waveform ID #4 (Figure 6-18)
0x07
0x05
Set sequencer to play waveform ID #5 (Figure 6-19)
0x08
0x06
Set sequencer to play waveform ID #6 (Figure 6-20)
0x09
0x00
End of sequence
Header
0xFF
0x01
Set memory to page 1
0x00
0x1E
Header size –1
0x01
0x81
Start address upper byte #1, also indicates Mode 3
0x02
0x00
Start address lower byte #1
0x03
0x01
Stop address upper byte #1
0x04
0x03
Stop address lower byte #1
0x05
0x01
Repeat count, play waveform #1 once
0x06
0x81
Start address upper byte #2, also indicates Mode 3
0x07
0x04
Start address lower byte #2
0x08
0x01
Stop address upper byte #2
0x09
0x07
Stop address lower byte #2
0x0A
0x01
Repeat count, play waveform #2 once
0x0B
0x81
Start address upper byte #3, also indicates Mode 3
0x0C
0x08
Start address lower byte #3
0x0D
0x01
Stop address upper byte #3
0x0E
0x0B
Stop address lower byte #3
0x0F
0x01
Repeat count, play waveform #3 once
0x10
0x81
Start address upper byte #4, also indicates Mode 3
0x11
0x0C
Start address lower byte #4
0x12
0x01
Stop address upper byte #4
0x13
0x1B
Stop address lower byte #4
0x14
0x01
Repeat count, play waveform #4 once
0x15
0x81
Start address upper byte #5, also indicates Mode 3
0x16
0x1C
Start address lower byte #5
0x17
0x01
Stop address upper byte #5
0x18
0x37
Stop address lower byte #5
0x19
0x01
Repeat count, play waveform #5 once
0x1A
0x81
Start address upper byte #6, also indicates Mode 3
DRV2667
SLOS751E – MARCH 2013 – REVISED JANUARY 2023
www.ti.com
36
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DRV2667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com