Electronic Components Datasheet Search
  English  ▼

X  

DRV2667RGPR Datasheet(PDF) 39 Page - Texas Instruments

Part # DRV2667RGPR
Description  DRV2667 Piezo Haptic Driver with Boost, Digital Front End, and Internal Waveform Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV2667RGPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button DRV2667RGPR Datasheet HTML 35Page - Texas Instruments DRV2667RGPR Datasheet HTML 36Page - Texas Instruments DRV2667RGPR Datasheet HTML 37Page - Texas Instruments DRV2667RGPR Datasheet HTML 38Page - Texas Instruments DRV2667RGPR Datasheet HTML 39Page - Texas Instruments DRV2667RGPR Datasheet HTML 40Page - Texas Instruments DRV2667RGPR Datasheet HTML 41Page - Texas Instruments DRV2667RGPR Datasheet HTML 42Page - Texas Instruments DRV2667RGPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
I2C ADDRESS
I2C DATA
DESCRIPTION
0x56
0x05
Duration for waveform ID #6, play 5 cycles (50 ms delay)
0x57
0x00
Envelope for waveform ID #6, ramp up = no envelope, ramp down = no envelope
0x58
0xBF
Amplitude for waveform ID #6,150 VPP at gain = 3
0x59
0x20
Frequency for waveform ID #6, 250 Hz
0x5A
0x01
Duration for waveform ID #6, play 1 cycle
0x5B
0x08
Envelope for waveform ID #6, ramp up = no envelope, ramp down = 256 ms
www.ti.com
DRV2667
SLOS751E – MARCH 2013 – REVISED JANUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DRV2667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com