Electronic Components Datasheet Search
  English  ▼

X  

DRV2667RGPR Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV2667RGPR
Description  DRV2667 Piezo Haptic Driver with Boost, Digital Front End, and Internal Waveform Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV2667RGPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV2667RGPR Datasheet HTML 4Page - Texas Instruments DRV2667RGPR Datasheet HTML 5Page - Texas Instruments DRV2667RGPR Datasheet HTML 6Page - Texas Instruments DRV2667RGPR Datasheet HTML 7Page - Texas Instruments DRV2667RGPR Datasheet HTML 8Page - Texas Instruments DRV2667RGPR Datasheet HTML 9Page - Texas Instruments DRV2667RGPR Datasheet HTML 10Page - Texas Instruments DRV2667RGPR Datasheet HTML 11Page - Texas Instruments DRV2667RGPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
6.8 Typical Characteristics
10
V
− Output Voltage − V
OUT
PP
1
100
200
0
100m
200m
300m
400m
500m
600m
3.6 V
5.0 V
VDD =
VDD =
f = 200 Hz
PVDD = 105 V
CLOAD = 47 nF
Gain = 40 dB
Figure 6-3. Supply Current vs Output Voltage
VOUT − Output Voltage − VPP
1
10
100
200
0
100m
200m
300m
400m
500m
600m
Frequency = 150 Hz
Frequency = 200 Hz
Frequency = 300 Hz
VDD = 3.6 V
PVDD = 105 V
CLOAD = 47 nF
Gain = 40 dB
Figure 6-4. Supply Current vs Output Voltage
10
V
− Output Voltage − V
OUT
PP
1
100
0
100m
200m
300m
400m
500m
600m
VDD = 3.6 V
VDD = 5.0 V
f = 200 Hz
PVDD = 55 V
CLOAD = 330 nF
Gain = 34 dB
Figure 6-5. Supply Current vs Output Voltage
VOUT − Output Voltage − VPP
1
10
100
0
100m
200m
300m
400m
500m
600m
Frequency = 150 Hz
Frequency = 200 Hz
Frequency = 300 Hz
VDD = 3.6 V
PVDD = 55 V
CLOAD = 330 nF
Gain = 34 dB
Figure 6-6. Supply Current vs Output Voltage
10
V
− Output Voltage − V
OUT
PP
1
0
50
100m
200m
300m
400m
500m
600m
VDD = 3.6 V
= 5.0 V
VDD
f = 200 Hz
PVDD = 30 V
CLOAD = 680 nF
Gain = 28 dB
Figure 6-7. Supply Current vs Output Voltage
VOUT − Output Voltage − VPP
1
10
50
0
100m
200m
300m
400m
500m
600m
Frequency = 150 Hz
Frequency = 200 Hz
Frequency = 300 Hz
VDD = 3.6 V
PVDD = 30 V
CLOAD = 680 nF
Gain = 28 dB
Figure 6-8. Supply Current vs Output Voltage
DRV2667
SLOS751E – MARCH 2013 – REVISED JANUARY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DRV2667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com