Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DI Datasheet(PDF) 2 Page - Texas Instruments

Part # DRV8300DI
Description  DRV8300: 100-V Three-Phase BLDC Gate Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8300DI Datasheet(HTML) 2 Page - Texas Instruments

  DRV8300DI Datasheet HTML 1Page - Texas Instruments DRV8300DI Datasheet HTML 2Page - Texas Instruments DRV8300DI Datasheet HTML 3Page - Texas Instruments DRV8300DI Datasheet HTML 4Page - Texas Instruments DRV8300DI Datasheet HTML 5Page - Texas Instruments DRV8300DI Datasheet HTML 6Page - Texas Instruments DRV8300DI Datasheet HTML 7Page - Texas Instruments DRV8300DI Datasheet HTML 8Page - Texas Instruments DRV8300DI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 6
7.1 Absolute Maximum Ratings........................................ 6
7.2 ESD Ratings Comm....................................................6
7.3 Recommended Operating Conditions.........................6
7.4 Thermal Information....................................................7
7.5 Electrical Characteristics.............................................7
7.6 Timing Diagrams.........................................................9
7.7 Typical Characteristics................................................ 9
8 Detailed Description...................................................... 11
8.1 Overview................................................................... 11
8.2 Functional Block Diagram......................................... 12
8.3 Feature Description...................................................14
8.4 Device Functional Modes..........................................16
9 Application and Implementation.................................. 17
9.1 Application Information............................................. 17
9.2 Typical Application.................................................... 18
10 Power Supply Recommendations..............................21
11 Layout........................................................................... 22
11.1 Layout Guidelines................................................... 22
11.2 Layout Example...................................................... 22
12 Device and Documentation Support..........................23
12.1 Receiving Notification of Documentation Updates..23
12.2 Support Resources................................................. 23
12.3 Trademarks.............................................................23
12.4 Electrostatic Discharge Caution..............................23
12.5 Glossary..................................................................23
13 Mechanical, Packaging, and Orderable
Information.................................................................... 23
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (February 2021) to Revision D (March 2022)
Page
• Increased max voltage on BSTx, GHx and SHx pin........................................................................................... 6
Changes from Revision B (February 2021) to Revision C (February 2021)
Page
• Removed "Preview" status from RGE devices................................................................................................... 1
Changes from Revision A (December 2020) to Revision B (February 2021)
Page
• Removed "Preview" status from PW devices..................................................................................................... 1
Changes from Revision * (September 2020) to Revision A (December 2020)
Page
• Updated device status to Production Data......................................................................................................... 1
DRV8300
SLVSFG5D – SEPTEMBER 2020 – REVISED MARCH 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com