Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DI Datasheet(PDF) 20 Page - Texas Instruments

Part # DRV8300DI
Description  DRV8300: 100-V Three-Phase BLDC Gate Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8300DI Datasheet(HTML) 20 Page - Texas Instruments

Back Button DRV8300DI Datasheet HTML 16Page - Texas Instruments DRV8300DI Datasheet HTML 17Page - Texas Instruments DRV8300DI Datasheet HTML 18Page - Texas Instruments DRV8300DI Datasheet HTML 19Page - Texas Instruments DRV8300DI Datasheet HTML 20Page - Texas Instruments DRV8300DI Datasheet HTML 21Page - Texas Instruments DRV8300DI Datasheet HTML 22Page - Texas Instruments DRV8300DI Datasheet HTML 23Page - Texas Instruments DRV8300DI Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
For this example application choose 1 µF CGVDD capacitor. Choose a capacitor with a voltage rating at
least twice the maximum voltage that it will be exposed to because most ceramic capacitors lose significant
capacitance when biased. This value also improves the long term reliability of the system.
9.2.3 Application Curves
GHA
SHA
GLA
Figure 9-2. Gate voltages, SHx rising with 15 ohm
gate resistor and CSD19532Q5B MOSFET
GHA
SHA
GLA
Figure 9-3. Gate voltages, SHx falling with 15 ohm
gate resistor and CSD19532Q5B MOSFET
DRV8300
SLVSFG5D – SEPTEMBER 2020 – REVISED MARCH 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com