Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DI Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV8300DI
Description  DRV8300: 100-V Three-Phase BLDC Gate Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8300DI Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8300DI Datasheet HTML 3Page - Texas Instruments DRV8300DI Datasheet HTML 4Page - Texas Instruments DRV8300DI Datasheet HTML 5Page - Texas Instruments DRV8300DI Datasheet HTML 6Page - Texas Instruments DRV8300DI Datasheet HTML 7Page - Texas Instruments DRV8300DI Datasheet HTML 8Page - Texas Instruments DRV8300DI Datasheet HTML 9Page - Texas Instruments DRV8300DI Datasheet HTML 10Page - Texas Instruments DRV8300DI Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
over operating temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
TJ
Operating junction temperature
–40
150
°C
(1)
Current flowing through boot diode (DBOOT) needs to be limited for CBOOT > 1µF
7.4 Thermal Information
THERMAL METRIC(1)
DRV8300
UNIT
PW (TSSOP)
RGE (VQFN)
20 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
97.4
49.3
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
38.3
42.5
°C/W
RθJB
Junction-to-board thermal resistance
48.8
26.5
°C/W
ΨJT
Junction-to-top characterization parameter
4.3
2.2
°C/W
ΨJB
Junction-to-board characterization parameter
48.4
26.4
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
N/A
11.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Electrical Characteristics
4.8 V ≤ VGVDD ≤ 20 V, –40°C ≤ TJ ≤ 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (GVDD, BSTx)
IGVDD
GVDD standby mode current
INHx = INLX = 0; VBSTx = VGVDD
400
800
1400
µA
GVDD active mode current
INHx = INLX = Switching @20kHz; VBSTx
= VGVDD; NO FETs connected
400
825
1400
µA
ILBSx
Bootstrap pin leakage current
VBSTx = VSHx = 85V; VGVDD = 0V
2
4
7
µA
ILBS_TRAN
Bootstrap pin active mode transient
leakage current
INHx = Switching@20kHz
30
105
220
µA
ILBS_DC
Bootstrap pin active mode leakage
static current
INHx = High
30
85
150
µA
ILSHx
High-side source pin leakage current
INHx = INLX = 0; VBSTx - VSHx = 12V;
VSHx = 0 to 85V
30
55
80
µA
LOGIC-LEVEL INPUTS (INHx, INLx, MODE)
VIL_MODE
Input logic low voltage
Mode pin
0.6
V
VIL
Input logic low voltage
INLx, INHx pins
0.8
V
VIH_MODE
Input logic high voltage
Mode pin
3.7
V
VIH
Input logic high voltage
INLx, INHx pins
2.0
V
VHYS_MODE
Input hysteresis
Mode pin
1600
2000
2400
mV
VHYS
Input hysteresis
INLx, INHx pins
40
100
260
mV
IIL_INLx
INLx Input logic low current
VPIN (Pin Voltage) = 0 V; INLx in non-
inverting mode
-1
0
1
µA
VPIN (Pin Voltage) = 0 V; INLx in inverting
mode
5
20
30
µA
IIH_INLx
INLx Input logic high current
VPIN (Pin Voltage) = 5 V; INLx in non-
inverting mode
5
20
30
µA
VPIN (Pin Voltage) = 5 V; INLx in inverting
mode
0
0.5
1.5
µA
IIL
INHx, MODE Input logic low current
VPIN (Pin Voltage) = 0 V;
-1
0
1
µA
IIH
INHx, MODE Input logic high current VPIN (Pin Voltage) = 5 V;
5
20
30
µA
RPD_INHx
INHx Input pulldown resistance
To GND
120
200
280
kΩ
www.ti.com
DRV8300
SLVSFG5D – SEPTEMBER 2020 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com