Electronic Components Datasheet Search
  English  ▼

X  

INA149 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA149
Description  High Common-Mode Voltage Difference Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA149 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA149 Datasheet HTML 12Page - Texas Instruments INA149 Datasheet HTML 13Page - Texas Instruments INA149 Datasheet HTML 14Page - Texas Instruments INA149 Datasheet HTML 15Page - Texas Instruments INA149 Datasheet HTML 16Page - Texas Instruments INA149 Datasheet HTML 17Page - Texas Instruments INA149 Datasheet HTML 18Page - Texas Instruments INA149 Datasheet HTML 19Page - Texas Instruments INA149 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
+
20 kΩ
380 kΩ
380 kΩ
380 kΩ
19 kΩ
V−
V+
4
7
2
3
1
6
5
+
VOUT = (+IN) – (–IN)
–IN
+IN
R1
R2
C2
C1
(1)
INA149
SBOS579B – SEPTEMBER 2011 – REVISED JULY 2012
www.ti.com
NOISE PERFORMANCE
The wideband noise performane of the INA149 is dominated by the internal resistor network. The thermal or
Johnson noise of these resistors measures approximately 550 nV/
√Hz. The internal op amp contributes virtually
no excess noise at frequencies above 100 Hz.
Many applications may be satisfied with less than the full 500-kHz bandwidth of the INA149. In these cases, the
noise can be reduced with a low-pass filter on the output. The two-pole filter shown in Figure 47 limits bandwidth
and reduces noise. Because the INA149 has a 1/f noise corner frequency of approximately 100 Hz, a cutoff
frequency below 100 Hz does not further reduce noise.
Component values for different filter frequencies are shown in Table 1.
(1) For most applications, the OPA171 can be used as an operational amplifier. For directly driving successive-approximation register (SAR)
data converters, the OPA140 is a good choice.
Figure 47. Output Filter for Noise Reduction
Table 1. Components Values for Different Filter Bandwidths
BUTTERWORTH
OUTPUT NOISE
LOW-PASS (f–3 dB)
(mVPP)
R1
R2
C1
C2
200 kHz
1.8
No filter
100 kHz
1.1
11 k
Ω
11.3 k
Ω
100 pF
200 pF
10 kHz
0.35
11 k
Ω
11.3 k
Ω
1 nF
2 nF
1 kHz
0.11
11 k
Ω
11.3 k
Ω
10 nF
20 nF
100 Hz
0.05
11 k
Ω
11.3 k
Ω
0.1 µF
0.2 µF
16
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): INA149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com