Electronic Components Datasheet Search
  English  ▼

X  

INA149 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA149
Description  High Common-Mode Voltage Difference Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA149 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA149 Datasheet HTML 13Page - Texas Instruments INA149 Datasheet HTML 14Page - Texas Instruments INA149 Datasheet HTML 15Page - Texas Instruments INA149 Datasheet HTML 16Page - Texas Instruments INA149 Datasheet HTML 17Page - Texas Instruments INA149 Datasheet HTML 18Page - Texas Instruments INA149 Datasheet HTML 19Page - Texas Instruments INA149 Datasheet HTML 20Page - Texas Instruments INA149 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
+
20 kΩ
380 kΩ
380 kΩ
380 kΩ
19 kΩ
V− = −15 V
V+ = +15 V
4
7
2
3
1
6
5
VOUT
RS = 10 Ω
VCM = 265 V
RC = 10 Ω
(1)
IMAX = 1 A
INA149
www.ti.com
SBOS579B – SEPTEMBER 2011 – REVISED JULY 2012
ERROR BUDGET ANALYSIS
The following error budget analysis demonstrates the importance of a high common-mode rejection ratio when
measuring small differential signals in the presence of high common-mode voltages. Figure 48 shows a typical
current measurement application.
(1) See the Measuring Current section for details about RC.
Figure 48. Typical Current Measurement Application
The maximum current through the shunt resistor (RS) is 1 A and generates a full-scale voltage drop of 10 V. All
error sources in this calculation are shown in relation to this full-scale voltage. The common-mode voltage in this
scenario is 265 V and the temperature range is from room temperature (+25°C) to +85°C. Table 2 shows the
dominant error sources for the INA149 and a competitor device.
Table 2. Error Budget Analysis
ERROR (ppm of FS)
ERROR
SOURCE
INA149
COMPETIOR A
INA149
COMPETITOR A
Accuracy, TA = +25°C
Initial gain error
0.02% FS
0.05% FS
200
500
Offset voltage
1100 µV
1000 µV
110
100
Common mode
265 V/90 dB = 8380 µV
265 V/77 dB = 37432 µV
838
3743
Total acuracy error
1148
4343
Temperature drift
Gain
10 ppm/°C × 60°C
10 ppm/°C × 60°C
600
600
Offset voltage
10 µV/°C × 60°C
20 µV/°C × 60°C
60
120
Total drift error
660
720
Total error
1808
5063
If a smaller shunt resistor is used, the full-scale voltage drop is also smaller. A shunt resistor of 1
Ω causes a 1-V
voltage drop with a current of 1 A flowing through it. The error of 1808 ppm for a full-scale voltage of 10 V
becomes 18080 ppm (1.6%) for a full-scale voltage of only 1 V.
This example demonstrates that the dominate source of error, even over temperature, comes from the CMRR
specification of the devices. The common-mode error is 46% of the total error for the INA149 and 74% of the
total error for the competitor device.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): INA149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com