Electronic Components Datasheet Search
  English  ▼

X  

INA149 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA149
Description  High Common-Mode Voltage Difference Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA149 Datasheet(HTML) 4 Page - Texas Instruments

  INA149 Datasheet HTML 1Page - Texas Instruments INA149 Datasheet HTML 2Page - Texas Instruments INA149 Datasheet HTML 3Page - Texas Instruments INA149 Datasheet HTML 4Page - Texas Instruments INA149 Datasheet HTML 5Page - Texas Instruments INA149 Datasheet HTML 6Page - Texas Instruments INA149 Datasheet HTML 7Page - Texas Instruments INA149 Datasheet HTML 8Page - Texas Instruments INA149 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
INA149
SBOS579B – SEPTEMBER 2011 – REVISED JULY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: V+ = 5 V and V– = 0 V
At TA = +25°C, RL = 2 kΩ connected to 2.5 V, and VCM= REFA = REFB = 2.5 V, unless otherwise noted.
INA149
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GAIN
Initial
VOUT = 1.5 V to 3.5 V
1
V/V
Gain error
VOUT = 1.5 V to 3.5 V
±0.005
%FSR
Gain
vs temperature, TA = –40°C to +125°C
±1.5
ppm/°C
Nonlinearity
±0.0005
%FSR
OFFSET VOLTAGE
350
µV
Initial offset
vs temperature, TA = –40°C to +125°C
3
µV/°C
vs supply (PSRR), VS = 4 V to 5 V
120
dB
INPUT
Differential
800
k
Ω
Impedance
Common-mode
200
k
Ω
Differential
1.5
3.5
V
Voltage range
Common-mode
–20
25
V
At dc, VCM = –20 V to 25 V
100
dB
vs temperature, TA = –40°C to +125°C, at dc
100
dB
Common-mode rejection
At ac, 500 Hz, VCM = 49 VPP
100
dB
At ac, 1 kHz, VCM = 49 VPP
90
dB
OUTPUT
Voltage range
1.5
3.5
V
Short-circuit current
±15
mA
Capacitive load drive
No sustained oscillations
10
nF
OUTPUT NOISE VOLTAGE
0.01 Hz to 10 Hz
20
µVPP
10 kHz
550
nV/
√Hz
DYNAMIC RESPONSE
Small-signal bandwidth
500
kHz
Slew rate
VOUT = 2 VPP step
5
V/µs
Full-power bandwidth
VOUT = 2 VPP
32
kHz
Settling time
0.01%, VOUT = 2 VPP step
7
µs
POWER SUPPLY
Voltage range
5
V
VS = 5 V
810
µA
Quiescent current
vs temperature, TA = –40°C to +125°C
1
mA
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): INA149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com