Electronic Components Datasheet Search
  English  ▼

X  

INA149 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA149
Description  High Common-Mode Voltage Difference Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA149 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA149 Datasheet HTML 14Page - Texas Instruments INA149 Datasheet HTML 15Page - Texas Instruments INA149 Datasheet HTML 16Page - Texas Instruments INA149 Datasheet HTML 17Page - Texas Instruments INA149 Datasheet HTML 18Page - Texas Instruments INA149 Datasheet HTML 19Page - Texas Instruments INA149 Datasheet HTML 20Page - Texas Instruments INA149 Datasheet HTML 21Page - Texas Instruments INA149 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
2
3
(+275 V max)
+VS
−VS
(−275 V max)
+
INA149
2
3
+
INA149
2
3
+
INA149
2
3
+
INA149
Repeat
for each
cell
ADS8638
12-bit, 8-Channel,
Bipolar SAR ADC
MSP430
16-Bit Ultra-Low-
Power Microcontroller
INA149
SBOS579B – SEPTEMBER 2011 – REVISED JULY 2012
www.ti.com
BATTERY CELL VOLTAGE MONITOR
The INA149 can be used to measure the voltages of single cells in a stacked battery pack. Figure 49 shows an
examples for such an application.
Figure 49. Battery Cell Voltage Monitor
18
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): INA149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com