Electronic Components Datasheet Search
  English  ▼

X  

INA188 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA188
Description  INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA188 Datasheet(HTML) 5 Page - Texas Instruments

  INA188 Datasheet HTML 1Page - Texas Instruments INA188 Datasheet HTML 2Page - Texas Instruments INA188 Datasheet HTML 3Page - Texas Instruments INA188 Datasheet HTML 4Page - Texas Instruments INA188 Datasheet HTML 5Page - Texas Instruments INA188 Datasheet HTML 6Page - Texas Instruments INA188 Datasheet HTML 7Page - Texas Instruments INA188 Datasheet HTML 8Page - Texas Instruments INA188 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
INA188
www.ti.com
SBOS632 – SEPTEMBER 2015
Product Folder Links: INA188
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
(1)
Total VOS, referred-to-input = (VOSI) + (VOSO / G).
(2)
RTI = Referred-to-input.
(3)
300-hour life test at 150°C demonstrated a randomly distributed variation of approximately 1
μV.
(4)
Does not include effects of external resistor RG.
6.5 Electrical Characteristics: VS = ±4 V to ±18 V (VS = 8 V to 36 V)
At TA = 25°C, RL = 10 kΩ, VREF = VS / 2, and G = 1, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT(1)
VOSI
Input stage offset voltage
At RTI(2)
±25
±55
μV
At RTI, TA = –40°C to +125°C
±0.08
±0.2
μV/°C
VOSO
Output stage offset voltage
At RTI
±60
±170
μV
At RTI, TA = –40°C to +125°C
±0.2
±0.35
μV/°C
VOS
Offset voltage
At RTI
±25 ±60 / G
±55 ±170 / G
μV
At RTI, TA = –40°C to +125°C
±0.2 ±0.35 / G
μV/°C
PSRR
Power-supply rejection ratio
G = 1, VS = 4 V to 36 V, VCM = VS / 2
±0.7
±2.25
µV/V
G = 10, VS = 4 V to 36 V, VCM = VS / 2
±0.6
G = 100, VS = 4 V to 36 V, VCM = VS / 2
±0.45
G = 1000, VS = 4 V to 36 V, VCM = VS / 2
±0.3
±0.8
Long-term stability
1(3)
µV
Turn-on time to specified VOSI
See the Typical Characteristics
zid
Differential input impedance
100 || 6
G
Ω || pF
zic
Common-mode input impedance
100 || 9.5
VCM
Common-mode voltage range
The input signal common-mode range can be
calculated with this tool
(V–) + 0.1
(V+) – 1.5
V
CMRR
Common-mode rejection ratio
G = 1, at dc to 60 Hz, VCM = (V–) + 1.0 V to
(V+) – 2.5 V
84
90
dB
G = 10, at dc to 60 Hz, VCM = (V–) + 1.0 V to
(V+) – 2.5 V
104
110
G = 100, at dc to 60 Hz, VCM = (V–) + 1.0 V to
(V+) – 2.5 V
118
130
G = 1000, at dc to 60 Hz, VCM = (V–) + 1.0 V to
(V+) – 2.5 V
118
130
INPUT BIAS CURRENT
IIB
Input bias current
±850
±2500
pA
TA = –40°C to +125°C
See Figure 10
pA/°C
IOS
Input offset current
±850
±2500
pA
TA = –40°C to +125°C
See Figure 11
pA/°C
INPUT VOLTAGE NOISE
eNI
Input voltage noise
f = 1 kHz, G = 100, RS = 0 Ω
12.5
nV/
√Hz
f = 0.1 Hz to 10 Hz, G = 100, RS = 0 Ω
0.25
μVPP
eNO
Output voltage noise
f = 1 kHz, G = 100, RS = 0 Ω
118
nV/
√Hz
f = 0.1 Hz to 10 Hz, G = 100, RS = 0 Ω
2.5
μVPP
iN
Input current noise
f = 1 kHz
440
fA/
√Hz
f = 0.1 Hz to 10 Hz
10
pAPP
GAIN
G
Gain equation
1 + (50 k
Ω / RG)
V/V
Gain range
1
1000
V/V
EG
Gain error
G = 1, (V–) + 0.5 V
≤ VO ≤ (V+) – 1.5 V
±0.007%
±0.025%
G = 10, (V–) + 0.5 V
≤ VO ≤ (V+) – 1.5 V
±0.05%
±0.20%
G = 100, (V–) + 0.5 V
≤ VO ≤ (V+) – 1.5 V
±0.06%
±0.20%
G = 1000, (V–) + 0.5 V
≤ VO ≤ (V+) – 1.5 V
±0.2%
±0.50%
Gain versus temperature
G = 1, TA = –40°C to +125°C
1
5
ppm/°C
G > 1(4) , TA = –40°C to +125°C
15
50
Gain nonlinearity
G = 1, VO = –10 V to +10 V
3
8
ppm
G > 1, VO = –10 V to +10 V
See Figure 42 to Figure 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com