Electronic Components Datasheet Search
  English  ▼

X  

INA188 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA188
Description  INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA188 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA188 Datasheet HTML 6Page - Texas Instruments INA188 Datasheet HTML 7Page - Texas Instruments INA188 Datasheet HTML 8Page - Texas Instruments INA188 Datasheet HTML 9Page - Texas Instruments INA188 Datasheet HTML 10Page - Texas Instruments INA188 Datasheet HTML 11Page - Texas Instruments INA188 Datasheet HTML 12Page - Texas Instruments INA188 Datasheet HTML 13Page - Texas Instruments INA188 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
300
350
400
450
500
550
600
650
700
D001
Time (s)
0
10
20
30
40
50
60
70
80
90
100
-6
-4
-2
0
2
4
6
D001
Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
-2000
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
D001
Common-Mode Voltage (V)
-15
-12
-9
-6
-3
0
3
6
9
12
15
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
IIB ±2 V
IIB ±15 V
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
Common-Mode Rejection (µV/V)
0
5
10
15
20
25
30
35
40
45
Common-Mode Rejection (µV/V)
10
INA188
SBOS632 – SEPTEMBER 2015
www.ti.com
Product Folder Links: INA188
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = midsupply, and G = 1, unless otherwise noted.
G = 1
Figure 7. CMRR Distribution
G = 100
Figure 8. CMRR Distribution
Figure 9. Input Bias Current vs Common-Mode Voltage
Figure 10. Input Bias Current vs Temperature
Figure 11. Input Offset Current vs Temperature
Figure 12. Change in Input Offset Voltage vs Warm-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com