Electronic Components Datasheet Search
  English  ▼

X  

INA188 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA188
Description  INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA188 Datasheet(HTML) 1 Page - Texas Instruments

  INA188 Datasheet HTML 1Page - Texas Instruments INA188 Datasheet HTML 2Page - Texas Instruments INA188 Datasheet HTML 3Page - Texas Instruments INA188 Datasheet HTML 4Page - Texas Instruments INA188 Datasheet HTML 5Page - Texas Instruments INA188 Datasheet HTML 6Page - Texas Instruments INA188 Datasheet HTML 7Page - Texas Instruments INA188 Datasheet HTML 8Page - Texas Instruments INA188 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
+
A2
+
A3
RFI Filter Inputs
RFI Filtered Inputs
RFI Filtered Inputs
RFI Filtered Inputs
RG
VIN-
VIN+
V-
V+
VOUT
REF
25 k
25 k
20 k
20 k
20 k
20 k
G
50 k
G 1
R
:
OUT
IN
IN
REF
V
V
V
G V
u
+
A1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
INA188
SBOS632 – SEPTEMBER 2015
INA188
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
1
1 Features
1
•
Excellent DC Performance:
–
Low Input Offset Voltage: 55
μV (max)
–
Low Input Offset Drift: 0.2
μV/°C (max)
–
High CMRR: 104 dB, G
≥ 10 (min)
•
Low Input Noise:
–
12 nV/
√Hz at 1 kHz
–
0.25
μVPP (0.1 Hz to 10 Hz)
•
Wide Supply Range:
–
Single Supply: 4 V to 36 V
–
Dual Supply: ±2 V to ±18 V
•
Gain Set with a Single External Resistor:
–
Gain Equation: G = 1 + (50 k
Ω / RG)
–
Gain Error: 0.007%, G = 1
–
Gain Drift: 5 ppm/°C (max) G = 1
•
Input Voltage: (V–) + 0.1 V to (V+) – 1.5 V
•
RFI-Filtered Inputs
•
Rail-to-Rail Output
•
Low Quiescent Current: 1.4 mA
•
Operating Temperature: –55°C to +150°C
•
SOIC-8 and DFN-8 Packages
2 Applications
•
Bridge Amplifiers
•
ECG Amplifiers
•
Pressure Sensors
•
Medical Instrumentation
•
Portable Instrumentation
•
Weigh Scales
•
Thermocouple Amplifiers
•
RTD Sensor Amplifiers
•
Data Acquisition
3 Description
The INA188 is a precision instrumentation amplifier
that uses TI proprietary auto-zeroing techniques to
achieve low offset voltage, near-zero offset and gain
drift, excellent linearity, and exceptionally low-noise
density (12 nV/
√Hz) that extends down to dc.
The
INA188
is
optimized
to
provide
excellent
common-mode rejection of greater than 104 dB (G
≥
10). Superior common-mode and supply rejection
supports
high-resolution,
precise
measurement
applications. The versatile three op-amp design offers
a rail-to-rail output, low-voltage operation from a 4-V
single supply as well as dual supplies up to ±18 V,
and a wide, high-impedance input range. These
specifications make this device ideal for universal
signal measurement and sensor conditioning (such
as temperature or bridge applications).
A single external resistor sets any gain from 1 to
1000. The INA188 is designed to use an industry-
standard gain equation: G = 1 + (50 k
Ω / RG). The
reference pin can be used for level-shifting in single-
supply operation or for an offset calibration.
The INA188 is specified over the temperature range
of –40°C to +125°C .
Device Information
ORDER NUMBER
PACKAGE
BODY SIZE
INA188
SOIC (8)
4.90 mm × 3.91 mm
INA188
WSON (8)(2)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) The DRJ package (WSON-8) is a preview device.
Simplified Schematic


Similar Part No. - INA188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA188 TI1-INA188 Datasheet
1Mb / 37P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 40P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188ID TI1-INA188ID Datasheet
1Mb / 37P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188ID TI1-INA188ID Datasheet
1Mb / 40P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188IDR TI1-INA188IDR Datasheet
1Mb / 37P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
More results

Similar Description - INA188

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
logo
Linear Technology
LTC2053 LINER-LTC2053_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
LTC2053-SYNC LINER-LTC2053-SYNC_15 Datasheet
1Mb / 18P
Precision, Rail-to-Rail, Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Texas Instruments
INA188 TI-INA188_15 Datasheet
1Mb / 37P
INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA188 TI1-INA188 Datasheet
1Mb / 37P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com