Electronic Components Datasheet Search
  English  ▼

X  

INA188 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA188
Description  INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA188 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA188 Datasheet HTML 2Page - Texas Instruments INA188 Datasheet HTML 3Page - Texas Instruments INA188 Datasheet HTML 4Page - Texas Instruments INA188 Datasheet HTML 5Page - Texas Instruments INA188 Datasheet HTML 6Page - Texas Instruments INA188 Datasheet HTML 7Page - Texas Instruments INA188 Datasheet HTML 8Page - Texas Instruments INA188 Datasheet HTML 9Page - Texas Instruments INA188 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
INA188
SBOS632 – SEPTEMBER 2015
www.ti.com
Product Folder Links: INA188
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Electrical Characteristics: VS = ±4 V to ±18 V (VS = 8 V to 36 V) (continued)
At TA = 25°C, RL = 10 kΩ, VREF = VS / 2, and G = 1, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
See Typical Characteristics curves, Output Voltage Swing vs Output Current (Figure 19 to Figure 22).
OUTPUT
Output voltage swing from rail(5)
RL = 10 kΩ
(5)
220
250
mV
Capacitive load drive
1
nF
ISC
Short-circuit current
Continuous to common
±18
mA
FREQUENCY RESPONSE
BW
Bandwidth, –3 dB
G = 1
600
kHz
G = 10
95
G = 100
15
G = 1000
1.5
SR
Slew rate
G = 1, VS = ±18 V, VO = 10-V step
0.9
V/
μs
G = 100, VS = ±18 V, VO = 10-V step
0.17
tS
Settling time
To 0.1%
G = 1, VS = ±18 V, VSTEP = 10 V
50
μs
G = 100, VS = ±18 V, VSTEP = 10 V
400
To 0.01%
G = 1, VS = ±18 V, VSTEP = 10 V
60
μs
G = 100, VS = ±18 V, VSTEP = 10 V
500
Overload recovery
50% overdrive
75
μs
REFERENCE INPUT
RIN
Input impedance
40
k
Ω
Voltage range
V–
V+
V
POWER SUPPLY
Voltage range
Single
4
36
V
Dual
±2
±18
IQ
Quiescent current
VIN = VS / 2
1.4
1.6
mA
TA = –40°C to +125°C
1.8
TEMPERATURE RANGE
Specified temperature range
–40
125
°C
Operating temperature range
–55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com