Electronic Components Datasheet Search
  English  ▼

X  

LF355 Datasheet(PDF) 25 Page - Texas Instruments

Part # LF355
Description  LFx5x JFET Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF355 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LF355 Datasheet HTML 21Page - Texas Instruments LF355 Datasheet HTML 22Page - Texas Instruments LF355 Datasheet HTML 23Page - Texas Instruments LF355 Datasheet HTML 24Page - Texas Instruments LF355 Datasheet HTML 25Page - Texas Instruments LF355 Datasheet HTML 26Page - Texas Instruments LF355 Datasheet HTML 27Page - Texas Instruments LF355 Datasheet HTML 28Page - Texas Instruments LF355 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
LF155, LF156, LF256, LF257
LF355, LF356, LF357
www.ti.com
SNOSBH0D – MAY 2000 – REVISED NOVEMBER 2015
R1, R4 matched. Linearity 0.1% over 2 decades.
(4)
Figure 46. Isolating Large Capacitive Loads
•
Overshoot 6%
•
ts 10 μs
•
When driving large CL, the VOUT slew rate determined by CL and IOUT(MAX):
(5)
Figure 47. Low Drift Peak Detector
•
By adding D1 and Rf, VD1 = 0 during hold mode. Leakage of D2 provided by feedback path through Rf.
•
Leakage of circuit is essentially Ib (LF155, LF156) plus capacitor leakage of Cp.
•
Diode D3 clamps VOUT (A1) to VIN − VD3 to improve speed and to limit reverse bias of D2.
•
Maximum input frequency should be << ½
πRfCD2 where CD2 is the shunt capacitance of D2.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
LF156 LF256 LF356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com