Electronic Components Datasheet Search
  English  ▼

X  

LF355 Datasheet(PDF) 36 Page - Texas Instruments

Part # LF355
Description  LFx5x JFET Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF355 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LF355 Datasheet HTML 32Page - Texas Instruments LF355 Datasheet HTML 33Page - Texas Instruments LF355 Datasheet HTML 34Page - Texas Instruments LF355 Datasheet HTML 35Page - Texas Instruments LF355 Datasheet HTML 36Page - Texas Instruments LF355 Datasheet HTML 37Page - Texas Instruments LF355 Datasheet HTML 38Page - Texas Instruments LF355 Datasheet HTML 39Page - Texas Instruments LF355 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LF156 MD8
Active
Production
DIESALE (Y) | 0
204 | JEDEC
TRAY (5+1)
Yes
Call TI
Level-1-NA-UNLIM
-55 to 125
LF156H
Active
Production
TO-99 (LMC) | 8
500 | OTHER
No
Call TI
Level-1-NA-UNLIM
-55 to 125
( LF156H, LF156H)
LF156H/NOPB
Active
Production
TO-99 (LMC) | 8
500 | OTHER
Yes
Call TI
Level-1-NA-UNLIM
-55 to 125
( LF156H, LF156H)
LF256H
Active
Production
TO-99 (LMC) | 8
500 | OTHER
No
Call TI
Level-1-NA-UNLIM
-25 to 85
( LF256H, LF256H)
LF256H/NOPB
Active
Production
TO-99 (LMC) | 8
500 | OTHER
Yes
Call TI
Level-1-NA-UNLIM
-25 to 85
( LF256H, LF256H)
LF356M/NOPB
Active
Production
SOIC (D) | 8
95 | TUBE
Yes
SN
Level-1-260C-UNLIM
0 to 70
LF356
M
LF356M/NOPB.B
Active
Production
SOIC (D) | 8
95 | TUBE
Yes
SN
Level-1-260C-UNLIM
0 to 70
LF356
M
LF356MX/NOPB
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
0 to 70
LF356
M
LF356MX/NOPB.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
SN
Level-1-260C-UNLIM
0 to 70
LF356
M
LF356N/NOPB
Active
Production
PDIP (P) | 8
40 | TUBE
Yes
NIPDAU
Level-1-NA-UNLIM
0 to 70
LF
356N
LF356N/NOPB.B
Active
Production
PDIP (P) | 8
40 | TUBE
Yes
NIPDAU
Level-1-NA-UNLIM
0 to 70
LF
356N
LF356N/NOPBG4
Active
Production
PDIP (P) | 8
40 | TUBE
Yes
NIPDAU
Level-1-NA-UNLIM
0 to 70
LF
356N
LF356N/NOPBG4.B
Active
Production
PDIP (P) | 8
40 | TUBE
Yes
NIPDAU
Level-1-NA-UNLIM
0 to 70
LF
356N
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com