Electronic Components Datasheet Search
  English  ▼

X  

LF355 Datasheet(PDF) 5 Page - Texas Instruments

Part # LF355
Description  LFx5x JFET Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF355 Datasheet(HTML) 5 Page - Texas Instruments

  LF355 Datasheet HTML 1Page - Texas Instruments LF355 Datasheet HTML 2Page - Texas Instruments LF355 Datasheet HTML 3Page - Texas Instruments LF355 Datasheet HTML 4Page - Texas Instruments LF355 Datasheet HTML 5Page - Texas Instruments LF355 Datasheet HTML 6Page - Texas Instruments LF355 Datasheet HTML 7Page - Texas Instruments LF355 Datasheet HTML 8Page - Texas Instruments LF355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
LF155, LF156, LF256, LF257
LF355, LF356, LF357
www.ti.com
SNOSBH0D – MAY 2000 – REVISED NOVEMBER 2015
6.4 Thermal Information
LF155, LF156, LF355, LF357
LF356
D
THERMAL METRIC(1)
P (PDIP)
LMC (TO-99)
P (PDIP)
UNIT
(SOIC)
8 PINS
8 PINS
8 PINS
8 PINS
Junction-to-ambient thermal resistance
130
195
—
55.2
RθJA
Still Air
—
—
160
—
°C/W
400 LF/Min Air Flow
—
—
65
—
RθJC(top)
Junction-to-case (top) thermal resistance
—
—
23
44.5
°C/W
RθJB
Junction-to-board thermal resistance
—
—
—
32.4
°C/W
ψJT
Junction-to-top characterization parameter
—
—
—
21.7
°C/W
ψJB
Junction-to-board characterization parameter
—
—
—
32.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 AC Electrical Characteristics, TA = TJ = 25°C, VS = ±15 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LFx55
5
LF15x: AV = 1
LFx56, LF356B
7.5
SR
Slew Rate
V/
μs
LFx56, LF356B
12
LF357: AV = 5
LFx57
50
LFx55
2.5
Gain Bandwidth
GBW
LFx56, LF356B
5
MHz
Product
LFx57
20
LFx55
4
Settling Time to
ts
LFx56, LF356B
1.5
μs
0.01%(1)
LFx57
1.5
LFx55
25
f = 100 Hz
LFx56, LF356B
15
nV/
√Hz
LFx57
15
Equivalent Input
en
RS = 100 Ω
Noise Voltage
LFx55
20
f = 1000 Hz
LFx56, LF356B
12
nV/
√Hz
LFx57
12
LFx55
f = 100 Hz
LFx56, LF356B
0.01
pA/
√Hz
LFx57
Equivalent Input
in
Current Noise
LFx55
f = 1000 Hz
LFx56, LF356B
0.01
pA/
√Hz
LFx57
LFx55
Input
CIN
LFx56, LF356B
3
pF
Capacitance
LFx57
(1)
Settling time is defined here, for a unity gain inverter connection using 2-k
Ω resistors for the LF15x. It is the time required for the error
voltage (the voltage at the inverting input pin on the amplifier) to settle to within 0.01% of its final value from the time a 10-V step input is
applied to the inverter. For the LF357, AV = −5, the feedback resistor from output to input is 2 kΩ and the output step is 10 V (See
Settling Time Test Circuit).
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
LF156 LF256 LF356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com