Electronic Components Datasheet Search
  English  ▼

X  

LM140 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM140
Description  LM140K 3-Terminal Positive Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM140 Datasheet(HTML) 2 Page - Texas Instruments

  LM140 Datasheet HTML 1Page - Texas Instruments LM140 Datasheet HTML 2Page - Texas Instruments LM140 Datasheet HTML 3Page - Texas Instruments LM140 Datasheet HTML 4Page - Texas Instruments LM140 Datasheet HTML 5Page - Texas Instruments LM140 Datasheet HTML 6Page - Texas Instruments LM140 Datasheet HTML 7Page - Texas Instruments LM140 Datasheet HTML 8Page - Texas Instruments LM140 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LM140K
SNVS994 – JULY 2013
www.ti.com
Connection Diagrams
Figure 4. TO-3 Metal Can (Bottom View)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
DC Input Voltage
35V
Internal Power Dissipation(4)
Internally Limited
Maximum Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
TO-3 Package (NDS)
300°C
ESD Susceptibility(5)
2 kV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Conditions are conditions under which
the device functions but the specifications might not be ensured. For ensured specifications and test conditions see the Electrical
Characteristics.
(2)
Specifications and availability for military grade LM140H/883 and LM140K/883 can be found in the LM140QML datasheet (SNVS382).
Specifications and availability for military and space grade LM140H/JAN and LM140K/JAN can be found in the LM140JAN datasheet
(SNVS399).
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
The maximum allowable power dissipation at any ambient temperature is a function of the maximum junction temperature for operation
(TJMAX = 125°C or 150°C), the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA). PDMAX = (TJMAX −
TA)/θJA. If this dissipation is exceeded, the die temperature will rise above TJMAX and the electrical specifications do not apply. If the die
temperature rises above 150°C, the device will go into thermal shutdown. For the TO-3 package (NDS), the junction-to-ambient thermal
resistance (
θJA) is 39°C/W. When using a heatsink, θJA is the sum of the 4°C/W junction-to-case thermal resistance (θJC) of the TO-3
package and the case-to-ambient thermal resistance of the heatsink.
(5)
ESD rating is based on the human body model, 100 pF discharged through 1.5 k
Ω.
Operating Conditions
(1)
Temperature Range (TA)
(2)
LM140
−55°C to +125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Conditions are conditions under which
the device functions but the specifications might not be ensured. For ensured specifications and test conditions see the Electrical
Characteristics.
(2)
The maximum allowable power dissipation at any ambient temperature is a function of the maximum junction temperature for operation
(TJMAX = 125°C or 150°C), the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA). PDMAX = (TJMAX −
TA)/θJA. If this dissipation is exceeded, the die temperature will rise above TJMAX and the electrical specifications do not apply. If the die
temperature rises above 150°C, the device will go into thermal shutdown. For the TO-3 package (NDS), the junction-to-ambient thermal
resistance (
θJA) is 39°C/W. When using a heatsink, θJA is the sum of the 4°C/W junction-to-case thermal resistance (θJC) of the TO-3
package and the case-to-ambient thermal resistance of the heatsink.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM140K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com