Electronic Components Datasheet Search
  English  ▼

X  

LM140 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM140
Description  LM140K 3-Terminal Positive Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM140 Datasheet(HTML) 1 Page - Texas Instruments

  LM140 Datasheet HTML 1Page - Texas Instruments LM140 Datasheet HTML 2Page - Texas Instruments LM140 Datasheet HTML 3Page - Texas Instruments LM140 Datasheet HTML 4Page - Texas Instruments LM140 Datasheet HTML 5Page - Texas Instruments LM140 Datasheet HTML 6Page - Texas Instruments LM140 Datasheet HTML 7Page - Texas Instruments LM140 Datasheet HTML 8Page - Texas Instruments LM140 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM140K
www.ti.com
SNVS994 – JULY 2013
LM140K 3-Terminal Positive Regulator
Check for Samples: LM140K
1
FEATURES
DESCRIPTION
The LM140K monolithic 3-terminal positive voltage
2
•
Complete Specifications at 1A Load
regulator employs internal current-limiting, thermal
•
Output Voltage Tolerances of ±4% at Tj = 25°C
shutdown and safe-area compensation, making them
•
Internal Thermal Overload Protection
essentially indestructible. If adequate heat sinking is
provided, they can deliver over 1.0A output current.
•
Internal Short-circuit Current Limit
They are intended as fixed voltage regulators in a
•
Output Transistor Safe Area Protection
wide range of applications including local (on-card)
•
P+ Product Enhancement Tested
regulation for elimination of noise and distribution
problems associated with single-point regulation. In
addition to use as fixed voltage regulators, these
devices can be used with external components to
obtain adjustable output voltages and currents.
Considerable effort was expended to make the entire
series of regulators easy to use and minimize the
number of external components. It is not necessary to
bypass the output, although this does improve
transient response. Input bypassing is needed only if
the regulator is located far from the filter capacitor of
the power supply.
The LM140K is available in 5V, 12V and 15V options
in the steel TO-3 power package.
Typical Applications
*Required if the regulator is located far from
VOUT = 5V + (5V/R1 + IQ) R2 5V/R1 > 3 IQ,
the power supply filter.
load regulation (Lr) ≈ [(R1 + R2)/R1] (Lr of
**Although no output capacitor is needed
LM140K-5.0).
for stability, it does help transient response.
(If needed, use 0.1
μF, ceramic disc).
Figure 2. Adjustable Output Regulator
Figure 1. Fixed Output Regulator
ΔIQ = 1.3 mA over line and load changes.
Figure 3. Current Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM140

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
28Kb / 7P
VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
1 AMP POSITIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM140 SEMTECH_ELEC-LM140 Datasheet
418Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - LM140

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
3-Terminal Positive Regulator
LM330 NSC-LM330 Datasheet
254Kb / 5P
3-Terminal Positive Regulator
logo
Continental Device Indi...
CL7808DT CDIL-CL7808DT Datasheet
189Kb / 4P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GI78LXX GTM-GI78LXX Datasheet
302Kb / 6P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
GI78MXX GTM-GI78MXX Datasheet
167Kb / 5P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML78L00-FBL1 MICRO-ELECTRONICS-ML78L00-FBL1 Datasheet
234Kb / 5P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9165 RICHTEK-RT9165_08 Datasheet
112Kb / 7P
150mA 3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
3-Terminal Positive Regulator
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
3-Terminal Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com