Electronic Components Datasheet Search
  English  ▼

X  

LM140 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM140
Description  LM140K 3-Terminal Positive Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM140 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM140 Datasheet HTML 3Page - Texas Instruments LM140 Datasheet HTML 4Page - Texas Instruments LM140 Datasheet HTML 5Page - Texas Instruments LM140 Datasheet HTML 6Page - Texas Instruments LM140 Datasheet HTML 7Page - Texas Instruments LM140 Datasheet HTML 8Page - Texas Instruments LM140 Datasheet HTML 9Page - Texas Instruments LM140 Datasheet HTML 10Page - Texas Instruments LM140 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LM140K
www.ti.com
SNVS994 – JULY 2013
APPLICATION HINTS
The LM140K is designed with thermal protection, output short-circuit protection and output transistor safe area
protection. However, as with any IC regulator, it becomes necessary to take precautions to assure that the
regulator is not inadvertently damaged. The following describes possible misapplications and methods to prevent
damage to the regulator.
SHORTING THE REGULATOR INPUT
When using large capacitors at the output of these regulators, a protection diode connected input to output
(Figure 17) may be required if the input is shorted to ground. Without the protection diode, an input short will
cause the input to rapidly approach ground potential, while the output remains near the initial VOUTbecause of the
stored charge in the large output capacitor. The capacitor will then discharge through a large internal input to
output diode and parasitic transistors. If the energy released by the capacitor is large enough, this diode, low
current metal and the regulator will be destroyed. The fast diode in Figure 17 will shunt most of the capacitors
discharge current around the regulator. Generally no protection diode is required for values of output capacitance
≤ 10 μF.
RAISING THE OUTPUT VOLTAGE ABOVE THE INPUT VOLTAGE
Since the output of the device does not sink current, forcing the output high can cause damage to internal low
current paths in a manner similar to that just described in the “Shorting the Regulator Input” section.
REGULATOR FLOATING GROUND (Figure 18)
When the ground pin alone becomes disconnected, the output approaches the unregulated input, causing
possible damage to other circuits connected to VOUT. If ground is reconnected with power “ON”, damage may
also occur to the regulator. This fault is most likely to occur when plugging in regulators or modules with on card
regulators into powered up sockets. Power should be turned off first, thermal limit ceases operating, or ground
should be connected first if power must be left on.
TRANSIENT VOLTAGES
If transients exceed the maximum rated input voltage of the device, or reach more than 0.8V below ground and
have sufficient energy, they will damage the regulator. The solution is to use a large input capacitor, a series
input breakdown diode, a choke, a transient suppressor or a combination of these.
Figure 17. Input Short
Figure 18. Regulator Floating Ground
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM140K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com